Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9429WS16-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9429WS16-2.7
Description  Single Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429WS16-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9429WS16-2.7 Datasheet HTML 1Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 2Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 3Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 4Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 5Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 6Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 7Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 8Page - Intersil Corporation X9429WS16-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8248.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9429
Low Noise/Low Power/2-Wire Bus
Single Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Single Voltage Potentiometer
• 64 Resistor Taps
• 2-wire Serial Interface for Write, Read, and
Transfer Operations of the Potentiometer
• Wiper Resistance, 150
Ω Typical at 5V
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position
on Power-up.
• Standby Current < 5µA Max
•VCC : 2.7V to 5.5V Operation
• 2.5k
Ω, 10kΩ Total Pot Resistance
• Endurance: 100, 000 Data Changes per Bit per
Register
• 100 yr. Data Retention
• 14 Ld TSSOP, 16 Ld SOIC
• Low Power CMOS
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The X9429 integrates a single digitally controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. The potentiometer has associated with it
a volatile Wiper Counter Register (WCR) and a four
non-volatile Data Registers that can be directly written
to and read by the user. The contents of the WCR
controls the position of the wiper on the resistor array
though the switches. Powerup recalls the contents of
the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
VH/RH
VL/RL
VW/RW
POT
VCC
VSS
2-wire
bus
address
data
status
write
read
wiper
64-taps
transfer
10k
inc / dec
control
interface
Bus
Interface &
Control
Power-on Recall
Wiper Counter
Register (WCR)
Data Registers
4 Bytes
Data Sheet
October 19, 2005


Similar Part No. - X9429WS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WS16-2.7 INTERSIL-X9429WS16-2.7 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
More results

Similar Description - X9429WS16-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com