Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9530V14I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9530V14I
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530V14I Datasheet(HTML) 3 Page - Intersil Corporation

  X9530V14I Datasheet HTML 1Page - Intersil Corporation X9530V14I Datasheet HTML 2Page - Intersil Corporation X9530V14I Datasheet HTML 3Page - Intersil Corporation X9530V14I Datasheet HTML 4Page - Intersil Corporation X9530V14I Datasheet HTML 5Page - Intersil Corporation X9530V14I Datasheet HTML 6Page - Intersil Corporation X9530V14I Datasheet HTML 7Page - Intersil Corporation X9530V14I Datasheet HTML 8Page - Intersil Corporation X9530V14I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
FN8211.0
March 10, 2005
PIN ASSIGNMENTS
TSSOP
Pin
CSP
Pin
Pin
Name
Pin Description
1A3
A0
Device Address Select Pin 0. This pin determines the LSB of the device address
required to communicate using the 2-wire interface. The A0 pin has an on-chip pull-
down resistor.
2B2
A1
Device Address Select Pin 1. This pin determines the intermediate bit of the device
address required to communicate using the 2-wire interface. The A1 pin has an on-chip
pull-down resistor.
3C2
A2
Device Address Select Pin 2. This pin determines the MSB of the device address re-
quired to communicate using the 2-wire interface. The A2 pin has an on-chip pull-down
resistor.
4B3
Vcc
Supply Voltage.
5E3
WP
Write Protect Control Pin. This pin is a CMOS compatible input. When LOW, Write
Protection is enabled preventing any “Write” operation. When HIGH, various areas of
the memory can be protected using the Block Lock bits BL1 and BL0. The WP pin has
an on-chip pull-down resistor, which enables the Write Protection when this pin is left
floating.
6C3
SCL
Serial Clock. This is a TTL compatible input pin. This input is the 2-wire interface clock
controlling data input and output at the SDA pin.
7D3
SDA
Serial Data. This pin is the 2-wire interface data into or out of the device. It is TTL
compatible when used as an input, and it is Open Drain when used as an output. This
pin requires an external pull up resistor.
8E2
I1
Current Generator 1 Output. This pin sinks or sources current. The magnitude and di-
rection of the current is fully programmable and adaptive. The resolution is 8 bits.
9E1
R1
Current Programming Resistor 1. A resistor between this pin and Vss can set the
maximum output current available at pin I1. If no resistor is used, the maximum current
must be selected using control register bits.
10
D1
R2
Current Programming Resistor 2. A resistor between this pin and Vss can set the
maximum output current available at pin I2. If no resistor is used, the maximum current
must be selected using control register bits.
11
C1, D2
Vss
Ground.
12
B1
VSense
Sensor Voltage Input. This voltage input may be used to drive the input of the on-chip
A/D converter.
13
A1
VRef
Reference Voltage Input or Output. This pin can be configured as either an Input or
an Output. As an Input, the voltage at this pin is provided by an external source. As an
Output, the voltage at this pin is a buffered output voltage of the on-chip bandgap refer-
ence circuit. In both cases, the voltage at this pin is the reference for the A/D
converter and the two D/A converters.
14
A2
I2
Current Generator 2 Output. This pin sinks or sources current. The magnitude and di-
rection of the current is fully programmable and adaptive. The resolution is 8 bits.
X9530


Similar Part No. - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530V14I XICOR-X9530V14I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530V14I INTERSIL-X9530V14I Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14I RENESAS-X9530V14I Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Intersil Corporation
X9530V14IZ INTERSIL-X9530V14IZ Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530V14IZ RENESAS-X9530V14IZ Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
More results

Similar Description - X9530V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com