Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511WSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9511WSZ
Description  Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WSZ Datasheet(HTML) 3 Page - Intersil Corporation

  X9511WSZ Datasheet HTML 1Page - Intersil Corporation X9511WSZ Datasheet HTML 2Page - Intersil Corporation X9511WSZ Datasheet HTML 3Page - Intersil Corporation X9511WSZ Datasheet HTML 4Page - Intersil Corporation X9511WSZ Datasheet HTML 5Page - Intersil Corporation X9511WSZ Datasheet HTML 6Page - Intersil Corporation X9511WSZ Datasheet HTML 7Page - Intersil Corporation X9511WSZ Datasheet HTML 8Page - Intersil Corporation X9511WSZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN8205.1
September 6, 2005
PIN DESCRIPTIONS
VH/RH and VL/RL
The high (VH/RH) and low (VL/RL) terminals of the
X9511 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is -5V
and the maximum is +5V. It should be noted that the
terminology of VL/RL and VH/RH reference the relative
position of the terminal in relation to wiper movement
direction selected by the PU and PD inputs, and not the
voltage potential on the terminal.
PU
The debounced PU input is for incrementing the wiper
position. An on-chip pull-up holds the PU input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent higher tap position.
PD
The debounced PD input is for decrementing the wiper
position. An on-chip pull-up holds the PD input HIGH.
A switch closure to ground or a LOW logic level will,
after a debounce time, move the wiper to the next
adjacent lower tap position.
ASE
The debounced ASE (AUTOSTORE enable) pin can
be in one of two states:
VIL - AUTOSTORE is enabled. When VCC powers
down, an automatic store cycle takes place.
VIH - AUTOSTORE is disabled. A LOW to HIGH will
initiate a manual store operation. This is for the user
who wishes to connect a push button switch to this pin.
For every valid push, the X9511 will store the current
wiper position to the EEPROM.
PIN CONFIGURATION
PIN NAMES
DEVICE OPERATION
There are three sections of the X9511: the input control,
counter and decode section; the EEPROM memory;
and the resistor array. The input control section oper-
ates just like an up/down counter. The output of this
counter is decoded to turn on a single electronic switch,
connecting a point on the resistor array to the wiper out-
put. Under the proper conditions the contents of the
counter can be stored in EEPROM memory and
retained for future use. The resistor array is comprised
of 31 individual resistors connected in series. At either
end of the array and between each resistor is an elec-
tronic switch that transfers the potential at that point to
the wiper.
The X9511 is designed to interface directly to two
push button switches for effectively moving the wiper
up or down. The PU and PD inputs increment or dec-
rement a 5-bit counter respectively. The output of this
counter is decoded to select one of the thirty-two wiper
positions along the resistive array. The wiper incre-
ment input, PU and the wiper decrement input, PD are
both connected to an internal pull-up so that they nor-
mally remain HIGH. When pulled LOW by an external
push button switch or a logic LOW level input, the
wiper will be switched to the next adjacent tap posi-
tion.
Internal
debounce
circuitry
prevents
inadvertent
switching of the wiper position if PU or PD remain
LOW for less than 40ms, typical. Each of the buttons
can be pushed either once for a single increment/dec-
rement or continuously for a multiple increments/dec-
rements. The number of increments/decrements of the
wiper position depend on how long the button is being
pushed. When making a continuous push, after the
first
second,
the
increment/decrement
speed
increases. For the first second the device will be in the
slow scan mode. Then if the button is held for longer
than 1 second the device will go into the fast scan
mode. As soon as the button is released the X9511
will return to a standby condition.
VH
VCC
PU
PD
1
2
3
4
8
7
6
5
X9511
DIP/SOIC
VSS
ASE
VL
VW
Symbol
Description
VH/RH
High Terminal
VW/RW
Wiper Terminal
VL/RL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
X9511


Similar Part No. - X9511WSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WSZ INTERSIL-X9511WSZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WSZ INTERSIL-X9511WSZ Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
X9511WSZ INTERSIL-X9511WSZ Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WSZ RENESAS-X9511WSZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com