Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511WPIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9511WPIZ
Description  Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WPIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9511WPIZ Datasheet HTML 1Page - Intersil Corporation X9511WPIZ Datasheet HTML 2Page - Intersil Corporation X9511WPIZ Datasheet HTML 3Page - Intersil Corporation X9511WPIZ Datasheet HTML 4Page - Intersil Corporation X9511WPIZ Datasheet HTML 5Page - Intersil Corporation X9511WPIZ Datasheet HTML 6Page - Intersil Corporation X9511WPIZ Datasheet HTML 7Page - Intersil Corporation X9511WPIZ Datasheet HTML 8Page - Intersil Corporation X9511WPIZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
X9511
Terminal Voltage ±5V, 32 Taps
Single Digitally-Controlled (XDCP™)
Potentiometer (Push Button Controlled)
FEATURES
• Push button controlled
• Low power CMOS
—Active current, 3mA max
—Standby current, 200µA max
• 31 resistive elements
—Temperature compensated
±20% end to end resistance range
—-5V to +5V range
• 32 wiper tap points
—Wiper positioned via two push button inputs
—Slow & fast scan modes
—AUTOSTORE® option
—Manual store option
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10k
• Packages
—8 Ld PDIP
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The Intersil X9511 is a push button controlled potenti-
ometer that is ideal for push button controlled resis-
tance trimming.
The X9511 is a resistor array composed of 31 resistive
elements. Between each element and at either end
are tap points accessible to the wiper element. The
position of the wiper element is controlled by the PU
and PD inputs. The position of the wiper can be auto-
matically stored in E2 memory and then be recalled
upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum
resistance value divided by 31. As an example, for the
X9511W (10k
Ω) each tap point represents 323Ω.
All Intersil nonvolatile products are designed and
tested for applications requiring extended endurance
and data retention.
ORDERING INFORMATION
PART NUMBER
PART MARKING
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
X9511WP
X9511WP
10
0 to 70
8 Ld PDIP
X9511WPI
X9511WP I
-40 to 85
8 Ld PDIP
X9511WPIZ (Note)
X9511WP Z I
-40 to 85
8 Ld PDIP (Pb-free)
X9511WS*
X9511W
0 to 70
8 Ld SOIC
X9511WSZ* (Note)
X9511W Z
0 to 70
8 Ld SOIC (Pb-free)
X9511WSI*
X9511W I
-40 to 85
8 Ld SOIC
X9511WSIZ* (Note)
X9511W Z I
-40 to 85
8 Ld SOIC (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8205.1
September 6, 2005


Similar Part No. - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WPIZ RENESAS-X9511WPIZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com