Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9440YP24I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9440YP24I
Description  Mixed Signal with SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9440YP24I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9440YP24I Datasheet HTML 6Page - Intersil Corporation X9440YP24I Datasheet HTML 7Page - Intersil Corporation X9440YP24I Datasheet HTML 8Page - Intersil Corporation X9440YP24I Datasheet HTML 9Page - Intersil Corporation X9440YP24I Datasheet HTML 10Page - Intersil Corporation X9440YP24I Datasheet HTML 11Page - Intersil Corporation X9440YP24I Datasheet HTML 12Page - Intersil Corporation X9440YP24I Datasheet HTML 13Page - Intersil Corporation X9440YP24I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8200.0
March 28, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SCK, SCL or any address input
with respect to VSS.................................. -1V to +7V
Voltage on V+ (referenced to VSS) ........................+7V
Voltage on V- (referenced to VSS) ..........................-7V
(V+) - (V-) .............................................................. 12V
Any VH.....................................................................V+
Any VL ......................................................................V-
Lead temperature (soldering, 10 seconds) ........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiom-
eter. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH - VL)/63, single pot
(4) Individual array resolutions.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70°C
Industrial
-40
°C+85°C
Military
-55°C
+125°C
Device
Supply Voltage (VCC) Limits
X9440
5V
±10%
X9440-2.7
2.7V to 5.5V
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to end resistance
–20
+20
%
Power rating
50
mW
25
°C, each pot
IW
Wiper current
–3
+3
mA
RW
Wiper resistance
40
100
VCC = 5V, Wiper Current = 3mA
100
250
VCC = 2.7-5V, Wiper Current = 3mA
Vv+
Voltage on V+ pin
X9440
+4.5
+5.5
V
X9440-2.7
+2.7
+5.5
Vv-
Voltage on V- pin
X9440
-5.5
-4.5
V
X9440-2.7
-5.5
-2.7
VTERM
Voltage on any VH or VL pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
1.6
%
Absolute linearity (1)
-1
+1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative linearity (2)
-0.2
+0.2
MI(3)
Vw(n + 1 - [Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/
°C
X9440


Similar Part No. - X9440YP24I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9440 RENESAS-X9440 Datasheet
836Kb / 21P
   Mixed Signal with SPI Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
More results

Similar Description - X9440YP24I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
Q32M210 ONSEMI-Q32M210 Datasheet
505Kb / 50P
   Precision Mixed-Signal 32-bit Microcontroller SPI/SQI interface.
April, 2011 ??Rev. 5
logo
Renesas Technology Corp
X9440 RENESAS-X9440 Datasheet
836Kb / 21P
   Mixed Signal with SPI Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Intersil Corporation
X9448 INTERSIL-X9448 Datasheet
312Kb / 19P
   Mixed Signal with 2-Wire Interface
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com