Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9455WV24-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9455WV24-2.7
Description  Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9455WV24-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9455WV24-2.7 Datasheet HTML 4Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 9Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 10Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 11Page - Intersil Corporation X9455WV24-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN8202.0
November 10, 2004
Principles of Operation
The X9455 is an integrated circuit incorporating two resistor
arrays with dual wipers on each array, their associated
registers and counters, and the serial interface logic
providing direct communication between the host and the
digitally controlled potentiometers. This section provides
detail description of the following:
•Resistor Array
• Up/Down Interface
• 2-wire Interface
Resistor Array Description
The X9455 is comprised of two resistor arrays. Each array
contains 255 discrete resistive segments that are connected
in series. The physical ends of each array are equivalent to
the fixed terminals of a mechanical potentiometer (RHi and
RLi inputs). (See Figure 1.)
Each array has two independent wipers. At both ends of
each array and between each resistor segment are two
switches, one connected to each of the wiper pins (RWiA and
RWiB).
Within each individual array only one switch of each wiper
may be turned on at a time.
These switches are controlled by two Wiper Counter
Register (WCR). The 8-bits of the WCR are decoded to
select and enable one of 256 switches. Note that each wiper
has a dedicated WCR. When all bits of a WCR are zeroes,
the switch closest to the corresponding RL pin is selected.
When all bits of a WCR are ones, the switch closest to the
corresponding RH pin is selected.
The WCRs are volatile and may be written directly. There
are four non-volatile Data Registers (DR) associated with
each WCR. Each DR can be loaded into WCR. All DRs and
WCRs can be read or written.
Power Up and Down Requirements
During power up CS must be high to avoid inadvertant
“store” operations. At power up, the contents of Data
Registers Level 0 (DR0A0, DR0B0, DR1A0, and DR1B0),
are loaded into the corresponding wiper counter register.
One of
WCRiA[7:0]
RHi
RWiA
RLi
= FF hex
255
254
255
256
Decoder
Volatile
8-bit
Wiper
Counter
Register
WCRiA
Four
Non-Volatile
Data
Registers
DRiA0, DRiA1,
DRiA2, and
DRiA3
“i” is either 0 or 1
WCRiB[7:0]
= 00 hex
1
0
RWiB
254
0
1
WCRiB[7:0]
= FF hex
WCRiA[7:0]
= 00 hex
Volatile
8-bit
Wiper
Counter
Register
WCRiB
Four
Non-Volatile
Data
Registers
DRiB0, DRiB1,
DRiB2, and
DRiB3
2-wire and
Up/Down Interfaces
.
.
.
.
.
.
FIGURE 1. DETAILED BLOCK DIAGRAM OF ONE DCP
X9455


Similar Part No. - X9455WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9455WV24I-2.7 INTERSIL-X9455WV24I-2.7 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
logo
Renesas Technology Corp
X9455WV24I-2.7 RENESAS-X9455WV24I-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9455WV24IZ-2.7 INTERSIL-X9455WV24IZ-2.7 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
logo
Renesas Technology Corp
X9455WV24IZ-2.7 RENESAS-X9455WV24IZ-2.7 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9455WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9455 RENESAS-X9455 Datasheet
787Kb / 19P
   Dual Two-wiper Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9455 INTERSIL-X9455_06 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com