Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9430WV24 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9430WV24
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9430WV24 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9430WV24 Datasheet HTML 3Page - Intersil Corporation X9430WV24 Datasheet HTML 4Page - Intersil Corporation X9430WV24 Datasheet HTML 5Page - Intersil Corporation X9430WV24 Datasheet HTML 6Page - Intersil Corporation X9430WV24 Datasheet HTML 7Page - Intersil Corporation X9430WV24 Datasheet HTML 8Page - Intersil Corporation X9430WV24 Datasheet HTML 9Page - Intersil Corporation X9430WV24 Datasheet HTML 10Page - Intersil Corporation X9430WV24 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8198.0
March 11, 2005
Figure 7. Increment/Decrement Timing
REGISTER OPERATION
Both digitally controlled potentiometers share the serial
interface and share a common architecture. Each poten-
tiometer is associated with a wiper counter register
(WCR), and four data registers. Figure 8 illustrates the
control, registers, and system features of the device.
Figure 8. System Block Diagram
Wiper Counter (WCR) and Analog Control
Registers (ACR)
The X9430 contains two wiper counter registers, one
for each XDCP. The wiper counter register is equiva-
lent to a serial-in, parallel-out counter with its outputs
decoded to select one of sixty-four switches along its
resistor array. The contents of the wiper counter register
can be altered in four ways: it may be written directly
by the host via the write WCR instruction (serial load);
it may be written indirectly by transferring the contents
of one of four associated data registers (DR) via the
XFR data register instruction (parallel load); it can be
modified one step at a time by the increment/decre-
ment instruction (WCR only). Finally, it may be loaded
with the contents of its associated data register zero
(R0) upon power-up.
The wiper counter register is a volatile register; that is, its
contents are lost when the X9430 is powered-down.
Although the registers are automatically loaded with the
value in R0 upon power-up, it should be noted this may
be different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four nonvolatile data registers
(DR). These can be read or written directly by the host
and data can be transferred between any of the four data
registers and the WCR. It should be noted all operations
changing data in one of these registers is a nonvolatile
operation and will take a maximum of 10ms.
If the application does not require storage of multiple set-
tings for the potentiometer, these registers can be used
as regular memory locations that could store system
parameters or user preference data.
SCK
SI
VW
INC/DEC CMD Issued
tWRID
VOUT
VOUT (0,1)
(DR0-DR3)0,1
Control and
CS
SCK
SO
SI
A1
A0
VH (0,1)
VL (0,1)
WP
VW (0,1)
VN (0,1)
+
WCR0,1
VINV (0,1)
VSS
VCC
HOLD
Memory
WCR0
WCR1
Detailed Block Diagram
X9430


Similar Part No. - X9430WV24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430WV24 XICOR-X9430WV24 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430WV24-2.7 XICOR-X9430WV24-2.7 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430WV24I XICOR-X9430WV24I Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430WV24I-2.7 XICOR-X9430WV24I-2.7 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9430WV24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com