Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9438 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9438
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9438 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9438 Datasheet HTML 6Page - Intersil Corporation X9438 Datasheet HTML 7Page - Intersil Corporation X9438 Datasheet HTML 8Page - Intersil Corporation X9438 Datasheet HTML 9Page - Intersil Corporation X9438 Datasheet HTML 10Page - Intersil Corporation X9438 Datasheet HTML 11Page - Intersil Corporation X9438 Datasheet HTML 12Page - Intersil Corporation X9438 Datasheet HTML 13Page - Intersil Corporation X9438 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN8199.0
March 11, 2005
AMPLIFIER ELECTRICAL CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
V+ and V- (
±5V to ±3V) are the amplifier power supplies. The amplifiers are specified with dual power supplies. V
CC and VSS
is the logic supply. All ratings are over the temperature range for the Industrial (-40 to + 85°C) and Commercial (0 to 70°C)
versions of the part unless specified differently.
SYSTEM/DIGITAL D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
Symbol
Parameter
Condition
Industrial
Commercial
Unit
Min. Typ.
Max.
Min. Typ. Max.
VOS
Input offset voltage
V+/V-
±3V to ±5V
1
3
1
2
mV
TCVOS
Input offset voltage temp.
coefficient
V+/V-
±3V to ±5V
-10
-10
µV/°C
IB
Input bias current
V+/V-
±3V to ±5V
50
50
pA
IOS
Input offset current
V+/V-
±3V to ±5V
25
25
pA
CMRR
Common mode
rejection ratio
VCM = -1V to +1V
70
70
dB
PSRR
Power supply
rejection ratio
V+/V-
±3V to ±5V
70
70
dB
VCM
Input common mode voltage
range
Tj = 25°C
V-
V+
V-
V+
V
AV
Large signal voltage gain
VO = -1V to + 1V
30
50
30
50
V/mV
VO
Output voltage swing
V-
V+
+0.1
-.15
+0.1
-.15
V
V
IO
Output current
V+/V- =
±5.5V
V+/V- =
±3.3V
50
30
50
30
mA
mA
IS
Supply current
V+/V- =
±5.0V
3
3
mA
V+/V- =
±3.0V
1.5
1.5
mA
GB
Gain-bandwidth prod
RL = 100k, CL = 50pf
1.0
1.0
MHz
SR
Slew rate
RL = 100k, CL = 50pf
1.5
1.5
V/µsec
Φ
M
Phase margin
RL = 100k, CL = 50pf
80
80
Deg.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC
VCC supply current (active)
400
µA
fSCL = 400kHz, SDA = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCL = SDA = VCC, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
Input LOW voltage
-0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
X9438


Similar Part No. - X9438

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9438

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com