Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9438 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9438
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9438 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9438 Datasheet HTML 5Page - Intersil Corporation X9438 Datasheet HTML 6Page - Intersil Corporation X9438 Datasheet HTML 7Page - Intersil Corporation X9438 Datasheet HTML 8Page - Intersil Corporation X9438 Datasheet HTML 9Page - Intersil Corporation X9438 Datasheet HTML 10Page - Intersil Corporation X9438 Datasheet HTML 11Page - Intersil Corporation X9438 Datasheet HTML 12Page - Intersil Corporation X9438 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN8199.0
March 11, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SDA, SCL or any address
input with respect to VSS ......................... -1V to +7V
Voltage on any V+ (referenced to VSS) ................ +7V
Voltage on any V- (referenced to VSS) .................. -7V
(V+) - (V-) ............................................................. 10V
Any RH ....................................................................V+
Any RL ......................................................................V-
Lead temperature (soldering, 10 seconds) ........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification)
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiom-
eter. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH - RL)/63, single pot ( = LSB)
(4) Individual array resolutions
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL End to end resistance
-20
+20
%
Power rating
50
mW
25
°C, each pot
IW
Wiper current
-3
+3
mA
RW
Wiper resistance
40
100
VCC = 5V, Wiper Current = 3mA
100
250
VCC = 2.7, Wiper Current = 1mA
Vv+
Voltage on V+ pin
X9438
+4.5
+5.5
V
X9438-2.7
+2.7
+5.5
Vv-
Voltage on V- pin
X9438
-5.5
-4.5
V
X9438-2.7
-5.5
-2.7
VTERM
Voltage on any RH or RL pin
V-
V+
V
Noise
-100
dBv
Ref: 1V
Resolution (4)
1.6
%
Absolute linearity (1)
-1
+1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative linearity (2)
-0.2
+0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/
°C
Ratiometric temperature coefficient
±20
ppm/°C
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9438
5V
±10%
X9438-2.7
2.7V to 5.5V
X9438


Similar Part No. - X9438

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9438

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9430 INTERSIL-X9430 Datasheet
327Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com