Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AUPI Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9241AUPI
Description  Low Powr/2-Wire Serial Bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AUPI Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9241AUPI Datasheet HTML 2Page - Intersil Corporation X9241AUPI Datasheet HTML 3Page - Intersil Corporation X9241AUPI Datasheet HTML 4Page - Intersil Corporation X9241AUPI Datasheet HTML 5Page - Intersil Corporation X9241AUPI Datasheet HTML 6Page - Intersil Corporation X9241AUPI Datasheet HTML 7Page - Intersil Corporation X9241AUPI Datasheet HTML 8Page - Intersil Corporation X9241AUPI Datasheet HTML 9Page - Intersil Corporation X9241AUPI Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN8164.1
September 15, 2005
S
T
A
R
T
0101
A3
A2
A1
A0
A
I3
I2
I1
I0
P1 P0
R1 R0
SCL
SDA
S
T
O
P
C
K
A
C
K
FIGURE 3. TWO-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3 A2 A1 A0 A
I3
I2
I1 I0
P1 P0 R1 R0
SCL
SDA
S
T
O
P
CM DW D5 D4 D3 D2
D1 D0
C
K
A
C
K
A
C
K
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3A2A1 A0
I3
I2
I1
I0
P1 P0 R1 R0
SCL
SDA
S
T
O
P
X
X
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
A
C
K
A
C
K
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE
SCL
SDA
VW/RW
INC/DEC
CMD
ISSUED
Voltage Out
tCLWV
FIGURE 6. INCREMENT/DECREMENT TIMING LIMITS
X9241A


Similar Part No. - X9241AUPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AUPI XICOR-X9241AUPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AUPI INTERSIL-X9241AUPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AUPIZ INTERSIL-X9241AUPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AUPIZ INTERSIL-X9241AUPIZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
X9241AUPIZ RENESAS-X9241AUPIZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AUPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com