Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9401 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9401
Description  Low Noise/Low Power/SPI Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401 Datasheet(HTML) 4 Page - Intersil Corporation

  X9401 Datasheet HTML 1Page - Intersil Corporation X9401 Datasheet HTML 2Page - Intersil Corporation X9401 Datasheet HTML 3Page - Intersil Corporation X9401 Datasheet HTML 4Page - Intersil Corporation X9401 Datasheet HTML 5Page - Intersil Corporation X9401 Datasheet HTML 6Page - Intersil Corporation X9401 Datasheet HTML 7Page - Intersil Corporation X9401 Datasheet HTML 8Page - Intersil Corporation X9401 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8190.2
September 23, 2005
PIN NAMES
DEVICE DESCRIPTION
The X9401 is a highly integrated microcircuit incorpo-
rating four resistor arrays and their associated regis-
ters and counters and the serial interface logic
providing direct communication between the host and
the XDCP potentiometers.
Serial Interface
The X9401 supports the SPI interface hardware con-
ventions. The device is accessed via the SI input with
data clocked in on the rising SCK. CS must be LOW
and the HOLD and WP pins must be HIGH during the
entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9401 is comprised of four resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array
are equivalent to the fixed terminals of a mechanical
potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The six bits of the WCR are decoded
to select, and enable, one of sixty-four switches.
Wiper Counter Register (WCR)
The X9401 contains four Wiper Counter Registers,
one for each XDCP potentiometer. The WCR is equiv-
alent to a serial-in, parallel-out register/counter with its
outputs decoded to select one of sixty-four switches
along its resistor array. The contents of the WCR can
be altered in four ways: it may be written directly by
the host via the Write Wiper Counter Register instruc-
tion (serial load); it may be written indirectly by trans-
ferring the contents of one of four associated data
registers via the XFR Data Register or Global XFR
Data Register instructions (parallel load); it can be
modified one step at a time by the Increment/Decre-
ment instruction. Finally, it is loaded with the contents
of its data register zero (R0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9401 is powered-
down. Although the register is automatically loaded
with the value in R0 upon power-up, this may be differ-
ent from the value present at power-down. The wiper
position must be stored in R0 to insure restoring the
wiper position after power-up.
Data Registers
Each potentiometer has four 6-bit nonvolatile data reg-
isters. These can be read or written directly by the
host. Data can also be transferred between any of the
four data registers and the associated Wiper Counter
Register. All operations changing data in one of the
data registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the data registers can
be used as memory locations for system parameters
or user preference data.
Data Register Detail
Symbol
Description
SCK
Serial Clock
SI, SO
Serial Data
A0 - A1
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometers (terminal
equivalent)
VW0/RW0 - VW1/RW1
Potentiometers (wiper
equivalent)
WP
Hardware Write Protection
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
(MSB)
(LSB)
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
X9401


Similar Part No. - X9401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401 INTERSIL-X9401 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401 INTERSIL-X9401 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results

Similar Description - X9401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com