Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33466H-30JT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC33466H-30JT1
Description  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-30JT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33466H-30JT1 Datasheet HTML 1Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 2Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 3Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33466
5
MOTOROLA ANALOG IC DEVICE DATA
0
1.6
0
100
0
6.0
0
2.0
0
100
0
6.0
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
IO, OUTPUT CURRENT (mA)
Figure 7. Output Voltage versus Output Current
IO, OUTPUT CURRENT (mA)
Figure 8. Output Voltage versus Output Current
Figure 9. Efficiency versus Output Current
Figure 10. Efficiency versus Output Current
Figure 11. Startup/Hold Voltage versus
Output Current
Figure 12. Startup/Hold Voltage versus
Output Current
MC33466H–50JT1
L = 120
µH
TA = 25°C
MC33466H–50LT1
L = 28
µH
TA = 25°C
MC33466H–30JT1
L = 120
µH
TA = 25°C
Figure 17
MC33466H–30LT1
L = 28
µH
TA = 25°C
Figure 18
MC33466H–50JT1
L = 120
µH
TA = 25°C
Figure 17
Vin = 4.0 V
Vin = 3.0 V
Vin = 1.0 V
Vin = 2.0 V
Vin = 3.0 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 1.0 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 0.9 V
Vstart
Vhold
1.2
80
5.0
1.2
80
5.0
1.0
60
4.0
0.8
60
4.0
0.8
40
3.0
0.4
40
3.0
0.6
20
2.0
20
2.0
0
1.0
0
0
1.0
20
100
2.0
5.0
20
40
100
200
4.0
10
40
60
200
300
6.0
15
60
80
300
400
8.0
20
80
100
400
500
10
25
100
500
120
600
600
12
30
120
Vin = 4.0 V
1.6
1.4
MC33466H–50LT1
L = 28
µH
TA = 25°C
Figure 18
Vstart
Vhold


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn