Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375D-3.3R2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33375D-3.3R2
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-3.3R2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33375D-3.3R2 Datasheet HTML 4Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 5Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 6Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 7Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 8Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 9Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 10Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 11Page - ON Semiconductor MC33375D-3.3R2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC33375
http://onsemi.com
9
THERMAL PROTECTION
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
150
°C, the output is disabled. There is no hysteresis built
into the thermal protection. As a result the output will appear
to be oscillating during thermal limit. The output will turn
off until the temperature drops below the 150
°C then the
output turns on again. The process will repeat if the junction
increases above the threshold. This will continue until the
existing conditions allow the junction to operate below the
temperature threshold.
Thermal limit is not a substitute for proper
heatsinking.
The internal current limit will typically limit current to
450 mA. If during current limit the junction exceeds 150
°C,
the thermal protection will protect the device also. Current
limit is not a substitute for proper heatsinking.
OUTPUT NOISE
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor will reduce the
noise on the MC33375.
ON/OFF PIN
When this pin is pulled low, the MC33375 is off. This pin
should not be left floating. The pin should be pulled high for
the MC33375 to operate.
Figure 24. SOT–223 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
40
80
120
160
200
280
0.35
0.42
0.50
0.63
0.83
2.50
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
RθJA
240
1.25
Figure 25. SOP–8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
50
70
90
110
170
0.4
0.8
1.2
1.6
3.2
020
40
50
30
10
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
L
L
RθJA
130
2.0
150
2.4
2.8
Graph Represents Symmetrical Layout
2.0 oz.
Copper
3.0 mm


Similar Part No. - MC33375D-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-3.3R2 ONSEMI-MC33375D-3.3R2 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375D-3.3R2 ONSEMI-MC33375D-3.3R2 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results

Similar Description - MC33375D-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com