Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1403ASO-Q6F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM1403ASO-Q6F
Description  3V FIPS-140 Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASO-Q6F Datasheet(HTML) 3 Page - STMicroelectronics

  STM1403ASO-Q6F Datasheet HTML 1Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 2Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 3Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 4Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 5Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 6Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 7Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 8Page - STMicroelectronics STM1403ASO-Q6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STM1403
Figure 3. QFN16 Connections
Note: See PIN DESCRIPTIONS, page 9 of the full datasheet for details.
1. Normal Mode: Low when VOUT is internally switched to VCC and High when VOUT is internally switched to battery.
2. SAL, RST, PFO, and BLD are Open Drain.
3. VREF only for STM1403A; VTPU for STM1403B/C.
1
PFO(2)
PFI
TP1
(NH)
BLD(2)
MR
RST(2)
VCC
VCCSW
(1)
VOUT
VREF or VTPU
(3)
VBAT
VSS
AI09683
2
3
4
8
7
6
5
SAL(2)
9
10
11
12
13
14
15
16
TP2
(NL)
TP3
(NH)
TP4
(NL)


Similar Part No. - STM1403ASO-Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403ASOQ6F STMICROELECTRONICS-STM1403ASOQ6F Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1403ASO-Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com