Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375ST-3.3T3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33375ST-3.3T3
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375ST-3.3T3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33375ST-3.3T3 Datasheet HTML 4Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 5Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 6Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 7Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 8Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 9Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 10Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 11Page - ON Semiconductor MC33375ST-3.3T3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33375
http://onsemi.com
10
ORDERING INFORMATION
MC33375ST–1.8T3
1.8 V (Fixed V)
318E
SOT–223
MC33375ST–2.5T3
2.5 V
318E
SOT–223
MC33375D–2.5R2
(Fixed Voltage)
751–5
SOP–8
MC33375ST–3.0T3
3.0 V
1% Tolerance
318E
SOT–223
MC33375D–3.0R2
(Fixed Voltage)
at TA = 25°C
751–5
SOP–8
MC33375ST–3.3T3
3.3 V
2% Tolerance at
318E
SOT–223
MC33375D–3.3R2
(Fixed Voltage)
TJ from –40 to +125°C
751–5
SOP–8
MC33375ST–5.0T3
5.0 V
318E
SOT–223
MC33375D–5.0R2
(Fixed Voltage)
751–5
SOP–8
DEVICE MARKING
Device
Version
Marking (1st line)
MC33375
1.8V
37518
MC33375
2.5V
37525
MC33375
3.0V
37530
MC33375
3.3V
37533
MC33375
5.0V
37550
TAPE AND REEL SPECIFICATIONS
Device
Reel Size
Tape Width
Quantity
MC33375D
13”
12mm embossed tape
2500 units
MC33375ST
13”
8mm embossed tape
4000 units
MAXIMUM RATINGS (TA = 25°C, for min/max values TJ = –40°C to +125°C)
Rating
Symbol
Value
Unit
Input Voltage
VCC
13
Vdc
Power Dissipation and Thermal Characteristics
TA = 25°C
Maximum Power Dissipation
Case 751 (SOP–8) D Suffix
Thermal Resistance, Junction–to–Ambient
Thermal Resistance, Junction–to–Case
Case 318E (SOT–223) ST Suffix
Thermal Resistance, Junction–to–Air
Thermal Resistance, Junction–to–Case
PD
RθJA
RθJC
RθJA
RθJC
Internally Limited
160
25
245
15
W
°C/W
°C/W
°C/W
°C/W
Output Current
IO
300
mA
Maximum Junction Temperature
TJ
150
°C
Operating Junction Temperature Range
TJ
– 40 to +125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C


Similar Part No. - MC33375ST-3.3T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375ST-3.3T3 ONSEMI-MC33375ST-3.3T3 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375ST-3.3T3 ONSEMI-MC33375ST-3.3T3 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375ST-3.3T3G ONSEMI-MC33375ST-3.3T3G Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375ST-3.3T3G ONSEMI-MC33375ST-3.3T3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375ST-3.3T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com