Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AWPZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9241AWPZ
Description  Low Powr/2-Wire Serial Bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AWPZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9241AWPZ Datasheet HTML 3Page - Intersil Corporation X9241AWPZ Datasheet HTML 4Page - Intersil Corporation X9241AWPZ Datasheet HTML 5Page - Intersil Corporation X9241AWPZ Datasheet HTML 6Page - Intersil Corporation X9241AWPZ Datasheet HTML 7Page - Intersil Corporation X9241AWPZ Datasheet HTML 8Page - Intersil Corporation X9241AWPZ Datasheet HTML 9Page - Intersil Corporation X9241AWPZ Datasheet HTML 10Page - Intersil Corporation X9241AWPZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8164.1
September 15, 2005
Notes: (10) 1/0 = data is one or zero
(11) X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
TABLE 1. INSTRUCTION SET
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
Read WCR
1001
1/0(10)
1/0
X(11)
X
Read the contents of the Wiper Counter Register pointed to by P1 - P0
Write WCR
1010
1/0
1/0
X
X
Write new value to the Wiper Counter Register pointed to by P1 - P0
Read Data
Register
1011
1/0
1/0
1/0
1/0
Read the contents of the Register pointed to by P1 - P0 and R1 - R0
Write Data
Register
1100
1/0
1/0
1/0
1/0
Write new value to the Register pointed to by P1 - P0 and R1 - R0
XFR Data
Register to WCR
1101
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 - P0 and R1 - R0
to its associated WCR
XFR WCR to
Data Register
1110
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 - P0 to the Register
pointed to by R1 - R0
Global XFR
Data Register to
WCR
0001
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 - R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1000
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 - R0 of all four pots
Increment/
Decrement
Wiper
0010
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 - P0
SCL from
Data Output
from Transmitter
1
89
START
Acknowledge
Master
Data Output
from Receiver
FIGURE 7. ACKNOWLEDGE RESPONSE FROM RECEIVER
X9241A


Similar Part No. - X9241AWPZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AWP XICOR-X9241AWP Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AWP INTERSIL-X9241AWP Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Xicor Inc.
X9241AWPI XICOR-X9241AWPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AWPI INTERSIL-X9241AWPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AWPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com