Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AMP Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9241AMP
Description  Low Powr/2-Wire Serial Bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMP Datasheet(HTML) 2 Page - Intersil Corporation

  X9241AMP Datasheet HTML 1Page - Intersil Corporation X9241AMP Datasheet HTML 2Page - Intersil Corporation X9241AMP Datasheet HTML 3Page - Intersil Corporation X9241AMP Datasheet HTML 4Page - Intersil Corporation X9241AMP Datasheet HTML 5Page - Intersil Corporation X9241AMP Datasheet HTML 6Page - Intersil Corporation X9241AMP Datasheet HTML 7Page - Intersil Corporation X9241AMP Datasheet HTML 8Page - Intersil Corporation X9241AMP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN8164.1
September 15, 2005
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(K)
TEMP RANGE
(°C)
PACKAGE
X9241AMP
X9241AMP
5 ±10%
2/10/50
0 to 70
20 Ld PDIP
X9241AMPZ (Note)
X9241AMPZ
0 to 70
20 Ld PDIP (Pb-free)
X9241AMPI
X9241AMPI
-40 to 85
20 Ld PDIP
X9241AMPIZ (Note)
X9241AMPIZ
-40 to 85
20 Ld PDIP (Pb-free)
X9241AMS*
X9241AMS
0 to 70
20 Ld SOIC
X9241AMSZ* (Note)
X9241AMS Z
0 to 70
20 Ld SOIC (Pb-free)
X9241AMSI*
X9241AMSI
-40 to 85
20 Ld SOIC
X9241AMSIZ* (Note)
X9241AMSI Z
-40 to 85
20 Ld SOIC (Pb-free)
X9241AMV*
X9241AMV
0 to 70
20 Ld TSSOP
X9241AMVZ* (Note)
X9241AMV Z
0 to 70
20 Ld TSSOP (Pb-free)
X9241AMVI*
X9241AMVI
-40 to 85
20 Ld TSSOP
X9241AMVIZ* (Note)
X9241AMVI Z
-40 to 85
20 Ld TSSOP (Pb-free)
X9241AWP
X9241AWP
10
0 to 70
20 Ld PDIP
X9241AWPZ (Note)
0 to 70
20 Ld PDIP (Pb-free)
X9241AWPI
X9241AWPI
-40 to 85
20 Ld PDIP
X9241AWPIZ (Note)
X9241AWPI Z
-40 to 85
20 Ld PDIP (Pb-free)
X9241AWS*
X9241AWS
0 to 70
20 Ld SOIC
X9241AWSZ* (Note)
X9241AWS Z
0 to 70
20 Ld SOIC (Pb-free)
X9241AWSI*
X9241AWSI
-40 to 85
20 Ld SOIC
X9241AWSIZ* (Note)
X9241AWSI Z
-40 to 85
20 Ld SOIC (Pb-free)
X9241AWV*
X9241AWV
0 to 70
20 Ld TSSOP
X9241AWVZ* (Note)
X9241AWVZ
0 to 70
20 Ld TSSOP (Pb-free)
X9241AWVI*
X9241AWVI
-40 to 85
20 Ld TSSOP
X9241AWVIZ* (Note)
X9241AWVI Z
-40 to 85
20 Ld TSSOP (Pb-free)
X9241AYP
X9241AYP
2
0 to 70
20 Ld PDIP
X9241AYPZ (Note)
X9241AYP Z
0 to 70
20 Ld PDIP (Pb-free)
X9241AYPI
X9241AYPI
-40 to 85
20 Ld PDIP
X9241AYPIZ (Note)
X9241AYPI Z
-40 to 85
20 Ld PDIP (Pb-free)
X9241AYS*
X9241AYS
0 to 70
20 Ld SOIC
X9241AYSZ* (Note)
X9241AYS Z
0 to 70
20 Ld SOIC (Pb-free)
X9241AYSI*
X9241AYSI
-40 to 85
20 Ld SOIC
X9241AYSIZ* (Note)
-40 to 85
20 Ld SOIC (Pb-free)
X9241AYV*
X9241AYV
0 to 70
20 Ld TSSOP
X9241AYVZ* (Note)
X9241AYV Z
0 to 70
20 Ld TSSOP (Pb-free)
X9241AYVI*
X9241AYVI
-40 to 85
20 Ld TSSOP
X9241AYVIZ* (Note)
X9241AYVI Z
-40 to 85
20 Ld TSSOP (Pb-free)
X9241A


Similar Part No. - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AMP XICOR-X9241AMP Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMP INTERSIL-X9241AMP Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMP INTERSIL-X9241AMP Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Xicor Inc.
X9241AMPI XICOR-X9241AMPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMPI INTERSIL-X9241AMPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com