Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241A Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9241A
Description  Low Powr/2-Wire Serial Bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241A Datasheet(HTML) 3 Page - Intersil Corporation

  X9241A Datasheet HTML 1Page - Intersil Corporation X9241A Datasheet HTML 2Page - Intersil Corporation X9241A Datasheet HTML 3Page - Intersil Corporation X9241A Datasheet HTML 4Page - Intersil Corporation X9241A Datasheet HTML 5Page - Intersil Corporation X9241A Datasheet HTML 6Page - Intersil Corporation X9241A Datasheet HTML 7Page - Intersil Corporation X9241A Datasheet HTML 8Page - Intersil Corporation X9241A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN8164.1
September 15, 2005
Pin Descriptions
Host Interface Pins
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
X9241A.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be wire-
ORed with any number of open drain or open collector
outputs. An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the guidelines
for calculating typical values on the bus pull-up resistors
graph.
Address
The Address inputs are used to set the least significant 4 bits
of the 8-bit slave address. A match in the slave address
serial data stream must be made with the Address input in
order to initiate communication with the X9241A.
Potentiometer Pins
VH/RH(VH0/RH0—VH3/RH3), VL/RL (VL0/RL0—VL3/RL3)
The RH and RL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
VW/RW (VW0/RW0—VW3/RW3)
The wiper outputs are equivalent to the wiper output of a
mechanical potentiometer.
Pin Configuration
X9241AUP
X9241AUP
5 ±10%
50
0 to 70
20 Ld PDIP
X9241AUPZ (Note)
X9241AUP Z
0 to 70
20 Ld PDIP (Pb-free)
X9241AUPI
X9241AUPI
-40 to 85
20 Ld PDIP
X9241AUPIZ (Note)
X9241AUPI Z
-40 to 85
20 Ld PDIP (Pb-free)
X9241AUS*
X9241AUS
0 to 70
20 Ld SOIC
X9241AUSZ* (Note)
X9241AUS Z
0 to 70
20 Ld SOIC (Pb-free)
X9241AUSI*
X9241AUSI
-40 to 85
20 Ld SOIC
X9241AUSIZ* (Note)
X9241AUSI Z
-40 to 85
20 Ld SOIC (Pb-free)
X9241AUV*
X9241AUV
0 to 70
20 Ld TSSOP
X9241AUVZ* (Note)
X9241AUV Z
0 to 70
20 Ld TSSOP (Pb-free)
X9241AUVI*
X9241AUVI
-40 to 85
20 Ld TSSOP
X9241AUVIZ* (Note)
X9241AUVI Z
-40 to 85
20 Ld TSSOP (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(K)
TEMP RANGE
(°C)
PACKAGE
Pin Names
SYMBOL
DESCRIPTION
SCL
Serial Clock
SDA
Serial Data
A0–A3
Address
VH0/RH0–VH3/RH3,
VL0/RL0–VL3/RL3
Potentiometer Pins (terminal equivalent)
VW0/RW0–VW3/RW3
Potentiometer Pins (wiper equivalent)
VW0/RW0
A0
A2
VH1/RH1
SDA
VSS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
A1
A3
SCL
DIP/SOIC/TSSOP
X9241A
VL0/RL0
VH0/RH0
VW1/RW1
VL1/RL1
VW3/RW3
VL3/RL3
VH3/RH3
VW2/RW2
VL2/RL2
VH2/RH2
X9241A


Similar Part No. - X9241A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com