Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9116WM8-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9116WM8-2.7
Description  Low Noise, Low Power, Low Cost
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

  X9116WM8-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WM8-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN8160.1
September 12, 2005
Power Up and Down Requirements
There are no restrictions on the power-up or power-down conditions of VCC and the voltages applied to the potentiometer pins
provided that VCC is always more positive than or equal to VH, VL, and VW, i.e., VCC ≥ VH, VL, VW. The VCC ramp rate spec is
always in effect.
A.C. Timing
NOTES:
6. Typical values are for TA = 25°C and nominal supply voltage.
7. This parameter is not 100% tested.
8. MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
MIN
TYP (NOTE 6)
MAX
UNIT
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (STORE)
10
ms
tIW
INC to Vw change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF (Note 7)
INC input rise and fall time
500
µs
tPU (Note 7)
Power up to wiper stable
5
µs
tR VCC (Note 7)
VCC Power-up rate
15
50
mV/µs
tWR
Store cycle
5
10
ms
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(Note 8)
tIC
tCPH
tF
tR
10%
90%
90%
(store)
X9116


Similar Part No. - X9116WM8-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116WM8-2.7 XICOR-X9116WM8-2.7 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WM8-2.7 INTERSIL-X9116WM8-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
More results

Similar Description - X9116WM8-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com