Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9118TV14I-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9118TV14I-2.7
Description  Dual Suply/Low Power/1024-Tap/2-Wire Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9118TV14I-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9118TV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 9Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 10Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 11Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 12Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 13Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8161.1
March 25, 2005
Write Data Register (DR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Notes: (1) “A1 ~ A0”: stand for the device addresses sent by the master.
(2) WCRx refers to wiper position data in the Wiper Counter Register
S
T
A
R
T
Device
Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
Register
Addresses
S
A
C
K
Wiper Position or Data
(Sent by Master on SDA)
S
A
C
K
Wiper Position or Data
(Sent by Master on SDA)
S
A
C
K
S
T
O
P
0101 0 A 1 A 0
1100 RB RA 0
0
X X XXXX
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
Register
Addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
01010
A 1 A 0
1110 RB RA 00
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
Register
Addresses
S
A
C
K
S
T
O
P
01010
A 1
A 0
1100
RB RA
00
X9118


Similar Part No. - X9118TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9118TV14I-2.7 INTERSIL-X9118TV14I-2.7 Datasheet
295Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9118TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9119 RENESAS-X9119 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com