Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9118TV14I-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9118TV14I-2.7
Description  Dual Suply/Low Power/1024-Tap/2-Wire Bus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9118TV14I-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9118TV14I-2.7 Datasheet HTML 1Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 2Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 3Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 4Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 5Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X9118TV14I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8161.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
X9118
Dual Supply/Low Power/1024-Tap/2-Wire Bus
Single Digitally-Controlled (XDCP™)
Potentiometer
DESCRIPTION
The X9118 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 1023 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
2-wire bus interface. The potentiometer has
associated with it a volatile Wiper Counter Register
(WCR) and a four non-volatile Data Registers that can
be directly written to and read by the user. The
contents of the WCR controls the position of the wiper
on the resistor array though the switches. Powerup
recalls the contents of the default data register (DR0)
to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
FEATURES
• 1024 Resistor Taps – 10-Bit Resolution
• 2-Wire Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper Resistance, 40
Ω Typical @ 5V
• Four Non-Volatile Data Registers for Each
Potentiometer
• Non-Volatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on Power
Up.
• Standby Current < 3µA Max
• System VCC: - 2.7V to 5.5V Operation
• Analog V+/V-: -5V to +5V
•100k
Ω End to End Resistance
• Endurance: 100, 000 Data changes per bit per register
• 100 yr. Data Retention
• 14-Lead TSSOP
• Low power CMOS
FUNCTIONAL DIAGRAM
RH
RL
Bus
RW
Interface &
Control
POT
VCC
VSS
2-Wire
Bus
Address
Data
Status
Write
Read
Wiper
1024-taps
Transfer
NC
NC
100k
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
(DR0-DR3)
Control
Interface
V+
V-
Data Sheet
March 25, 2005


Similar Part No. - X9118TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9118TV14I-2.7 INTERSIL-X9118TV14I-2.7 Datasheet
295Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9118TV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9119 RENESAS-X9119 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com