Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9116WM8 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9116WM8
Description  Low Noise, Low Power, Low Cost
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8 Datasheet(HTML) 7 Page - Intersil Corporation

  X9116WM8 Datasheet HTML 1Page - Intersil Corporation X9116WM8 Datasheet HTML 2Page - Intersil Corporation X9116WM8 Datasheet HTML 3Page - Intersil Corporation X9116WM8 Datasheet HTML 4Page - Intersil Corporation X9116WM8 Datasheet HTML 5Page - Intersil Corporation X9116WM8 Datasheet HTML 6Page - Intersil Corporation X9116WM8 Datasheet HTML 7Page - Intersil Corporation X9116WM8 Datasheet HTML 8Page - Intersil Corporation X9116WM8 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN8160.1
September 12, 2005
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
VH
VL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
–5V
VW
VREF
VOUT
OP-07
VW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Noninverting Amplifier
+
VS
VO
R2
R1
VO = (1+R2/R1)VS
LM308A
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Comparator with Hysteresis
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
VS
VO
R2
R1
LT311A
+5V
-5V
(for additional circuits see AN115)
X9116


Similar Part No. - X9116WM8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116WM8 XICOR-X9116WM8 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
X9116WM8-2.7 XICOR-X9116WM8-2.7 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WM8-2.7 INTERSIL-X9116WM8-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
logo
Xicor Inc.
X9116WM8I XICOR-X9116WM8I Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WM8I INTERSIL-X9116WM8I Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
More results

Similar Description - X9116WM8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com