Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9111TV14-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9111TV14-2.7
Description  Single Supply/Low Power/1024-Tap/SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9111TV14-2.7 Datasheet HTML 1Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 2Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 3Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 4Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 5Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 6Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 7Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 8Page - Intersil Corporation X9111TV14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN8159.1
March 25, 2005
Pin Descriptions
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle, data is
shifted out on this pin. Data is clocked out by the falling edge
of the serial clock.
SERIAL INPUT (SI)
SI is the serial data input pin. All opcodes, byte addresses and
data to be written to the pots and pot registers are input on this
pin. Data is latched by the rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the
X9111.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence is
underway, HOLD may be used to pause the serial
communication with the controller without resetting the serial
sequence. To pause, HOLD must be brought LOW while SCK is
LOW. To resume communication, HOLD is brought HIGH, again
while SCK is LOW. If the pause feature is not used, HOLD should
be held HIGH at all times.
DEVICE ADDRESS (A0, A1)
The address inputs are used to set the 8-bit slave address. A
match in the slave address serial data stream must be made
with the address input (A1–A0) in order to initiate
communication with the X9111.
CHIP SELECT (CS)
When CS is HIGH, the X9111 is deselected and the SO pin is at
high impedance, and (unless an internal write cycle is
underway) the device will be in the standby state. CS LOW
enables the X9111, placing it in the active power mode. It
should be noted that after a power-up, a HIGH to LOW
transition on CS is required prior to the start of any operation.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to the
Data Registers.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal connections
on a mechanical potentiometer.
RW
The wiper pin is equivalent to the wiper terminal of a
mechanical potentiometer.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin is
the system ground.
Other Pins
NO CONNECT (NC)
Pin should be left open. This pin is used for Intersil
manufacturing and test purposes.
Principles of Operation
Device Description
Serial Interface
The X9111 supports the SPI interface hardware conventions.
The device is accessed via the SI input with data clocked-in on
the rising SCK. CS must be LOW and the HOLD and WP pins
must be HIGH during the entire operation.
The SO and SI pins can be connected together, since they
have three state outputs. This can help to reduce system pin
count.
Array Description
The X9111 is comprised of a resistor array (see Figure 1).
The array contains the equivalent of 1023 discrete resistive
segments that are connected in series. The physical ends of
each array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper (RW)
output. Within the individual array only one switch may be
turned on at a time.
Pin Descriptions
PIN
(TSSOP)
SYMBOL
FUNCTION
1
SO
Serial Data Output
2
A0
Device Address
3
NC
No Connect
4CS
Chip Select
5
SCK
Serial Clock
6
SI
Serial Data Input
7VSS
System Ground
8WP
Hardware Write Protect
9
A1
Device Address
10
HOLD
Device Select. Pause the Serial Bus
11
RW
Wiper Terminal of the Potentiometer
12
RH
High Terminal of the Potentiometer
13
RL
Low Terminal of the Potentiometer
14
VCC
System Supply Voltage
X9111


Similar Part No. - X9111TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111TV14-2.7 XICOR-X9111TV14-2.7 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9111TV14-2.7 INTERSIL-X9111TV14-2.7 Datasheet
327Kb / 17P
   Single Digitally-Controlled (XDCP) Potentiometer
September 15, 2006
More results

Similar Description - X9111TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com