Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33460 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC33460
Description  Under Voltage Detector Series
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33460 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33460, MC33461
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MC33460/461 – 3.0
Detector Threshold (Vin Falling)
VDET–
2.94
3.00
3.06
V
Detector Threshold Hysteresis
VHYS
0.09
0.15
0.21
V
Supply Current
(Vin = 2.87 V)
(Vin = 5.0 V)
Iin
1.0
1.2
3.0
3.6
µA
Maximum Operating Voltage
Vin(max)
10
V
Minimum Operating Voltage
(–40
°C≤TA≤85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Output Current (OUT)
IOUT
Nch
(Vout = 0.05V, Vin = 0.70V)
0.01
0.05
mA
(Vout = 0.50V, Vin = 1.5V)
1.0
2.0
mA
CMOS Output High
(Vout = 2.4V, Vin = 4.5V)
1.0
2.0
mA
Output Delay Time (Note 1)
tpd
100
µs
Detector Threshold Temperature Coefficient
(–40
°C≤TA≤85°C) DVDET–/DT
±100
PPM/
°C
NOTES: 1.Refer to Figure 1 for test conditions for measurement.
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MC33460/461 – 3.2
Detector Threshold (Vin Falling)
VDET–
3.136
3.200
3.264
V
Detector Threshold Hysteresis
VHYS
0.096
0.160
0.224
V
Supply Current
(Vin = 3.07 V)
(Vin = 5.2 V)
Iin
1.0
1.2
3.0
3.6
µA
Maximum Operating Voltage
Vin(max)
10
V
Minimum Operating Voltage
(–40
°C≤TA≤85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Output Current (OUT)
IOUT
Nch
(Vout = 0.05V, Vin = 0.70V)
0.01
0.05
mA
(Vout = 0.50V, Vin = 1.5V)
1.0
2.0
mA
CMOS Output High
(Vout = 2.4V, Vin = 4.5V)
1.0
2.0
mA
Output Delay Time (Note 1)
tpd
100
µs
Detector Threshold Temperature Coefficient
(–40
°C≤TA≤85°C) DVDET–/DT
±100
PPM/
°C
NOTES: 1.Refer to Figure 1 for test conditions for measurement.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP300Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor
ML61Series Positive Voltage Detector 1 2 3 4 5 MoreMinilogic Device Corporation Limited
NCP304Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor
XC9510Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
ICL7665SCMOS Micropower Over/Under Voltage Detector 1 2 3 4 5 MoreIntersil Corporation
NCP302Voltage Detector Series with Programmable Delay 1 2 3 4 5 MoreON Semiconductor
ML6102ML6102 Series Positive Voltage Detector Inverted Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LMS334603V Under Voltage Detector 1 2 3 4 5 MoreNational Semiconductor (TI)
RN5VDVOLTAGE DETECTOR WITH OUTPUT DELAY 1 2 3 4 5 MoreRICOH electronics devices division
IS489Low Voltage Operating Type High Sensitivity OPIC Light Detector 1 2 3 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn