Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9110TV14Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9110TV14Z
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9110TV14Z Datasheet HTML 1Page - Intersil Corporation X9110TV14Z Datasheet HTML 2Page - Intersil Corporation X9110TV14Z Datasheet HTML 3Page - Intersil Corporation X9110TV14Z Datasheet HTML 4Page - Intersil Corporation X9110TV14Z Datasheet HTML 5Page - Intersil Corporation X9110TV14Z Datasheet HTML 6Page - Intersil Corporation X9110TV14Z Datasheet HTML 7Page - Intersil Corporation X9110TV14Z Datasheet HTML 8Page - Intersil Corporation X9110TV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN8158.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas INC. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9110
Dual Supply/Low Power/1024-Tap/SPI Bus
Single Digitally-Controlled (XDCP™)
Potentiometer
The X9110 integrates a single digitally controlled
potentiometer (XDCP) on a monolithic CMOS integrated
circuit.
The digital controlled potentiometer is implemented using
1023 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 1024 Resistor Taps – 10-Bit Resolution
• SPI Serial Interface for write, read, and transfer operations
of the potentiometer
• Wiper Resistance, 40
Ω Typical @ 5V
• Four Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power-on Recall. Loads Saved Wiper Position on Power-up
• Standby Current < 3µA Max
• System VCC: 2.7V to 5.5V Operation
• Analog V+/V-: -5V to +5V
•100k
Ω End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 Data Changes Per Bit Per Register
• 14 Ld TSSOP
• Dual Supply Version of the X9111
• Low Power CMOS
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
X9110
14 LD TSSOP
TOP VIEW
Functional Diagram
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCK
CS
RH
S0
V+
SI
HOLD
WP
V-
RH
RL
BUS
RW
INTERFACE &
CONTROL
POT
VCC
VSS
SPI
BUS
ADDRESS
DATA
STATUS
WRITE
READ
WIPER
1024-TAPS
TRANSFER
NC
NC
100k
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
(DR0-DR3)
CONTROL
INTERFACE
V+
V-
Data Sheet
October 7, 2005


Similar Part No. - X9110TV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110TV14Z INTERSIL-X9110TV14Z Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9110TV14Z INTERSIL-X9110TV14Z Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
logo
Renesas Technology Corp
X9110TV14Z RENESAS-X9110TV14Z Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9110TV14Z-2.7 INTERSIL-X9110TV14Z-2.7 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9110TV14Z-2.7 INTERSIL-X9110TV14Z-2.7 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
More results

Similar Description - X9110TV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com