Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4043S8IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X4043S8IZ-2.7
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043S8IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X4043S8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X4043S8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN8118.1
September 30, 2005
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s block lock protection.
The array is internally organized as x 8. The device
features an 2-wire interface and software protocol
allowing operation on an I2C bus.
The device utilizes Intersil’s proprietary Direct Write
cell, providing a minimum endurance of 1,000,000
cycles and a minimum data retention of 100 years.
PIN CONFIGURATION
NC
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
NC
WP
RESET
8-Pin JEDEC SOIC, MSOP, PDIP
Pin
(SOIC/MSOP/DIP)
Name
Function
1
NC
No internal connections
2
NC
No internal connections
3
RESET/RESET
Reset Output. RESET is an active LOW, open drain output which goes active
whenever VCC falls below VTRIP. It will remain active until VCC rises above the
VTRIP for tPURST. RESET/RESET goes active if the Watchdog Timer is enabled
and SDA remains either HIGH or LOW longer than the selectable Watchdog time
out period. RESET/RESET goes active on power-uppower-up and remains
active for 250ms after the power supply stabilizes. RESET is an active high open
drain output. An external pull up resistor is required on the RESET/RESET pin.
4VSS
Ground
5SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain
or open collector outputs. This pin requires a pull up resistor and the input buffer
is always active (not gated).
6SCL
Serial Clock. The Serial Clock input controls the serial bus timing for data input and
output.
7WP
Write Protect. WP HIGH prevents writes to any location in the device (including
the control register). Connect WP pin to VSS when it is not used.
8VCC
Supply Voltage
X4043, X4045


Similar Part No. - X4043S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X4043S8IZ-2.7 RENESAS-X4043S8IZ-2.7 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043S8IZ-2.7 INTERSIL-X4043S8IZ-2.7 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
X4043S8IZ-2.7A INTERSIL-X4043S8IZ-2.7A Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043S8IZ-2.7A RENESAS-X4043S8IZ-2.7A Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043S8IZ-2.7A INTERSIL-X4043S8IZ-2.7A Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results

Similar Description - X4043S8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com