Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A19A-W2SS1612-C8 Datasheet(PDF) 4 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # A19A-W2SS1612-C8
Description  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

A19A-W2SS1612-C8 Datasheet(HTML) 4 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  A19A-W2SS1612-C8 Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:4
TG-201712120857EP
1.4 Package Dimension
Fig.1-1 Top view
Fig.1-2
Side view
Fig.1-3 Polarity
Notes
1. All dimensions units are millimeters.
2. All dimensions tolerances are
0.5mm unless otherwise noted.
12S5P
19
1
φ1
7
0.6
(Tc measurement point)
Cathode


Similar Part No. - A19A-W2SS1612-C8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
More results

Similar Description - A19A-W2SS1612-C8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A28B-W2SS4712-C7 REFOND-A28B-W2SS4712-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
RT-C13A-W2ET0412-P6 REFOND-RT-C13A-W2ET0412-P6 Datasheet
2Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip Size
logo
KODENSHI_AUK CORP.
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
   White Light Emitting Diode
KLP-563W KODENSHI-KLP-563W Datasheet
167Kb / 2P
   White Light Emitting Diode
logo
Roithner LaserTechnik G...
B3B-440-LBS ROITHNER-B3B-440-LBS Datasheet
331Kb / 2P
   White Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
Roithner LaserTechnik G...
ELD-450-525 ROITHNER-ELD-450-525 Datasheet
264Kb / 1P
   BLUE Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com