Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206JR8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CC1206JR8
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC1206JR8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CC1206JR8 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1206JR8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
6
8
SERIES
CC
X7R, 16V to 100V
TAPE WIDE
8mm
8mm
12mm
ØA (mm)
180
330
180
ØB (mm)
62±1.5
62±1.5
62±1.5
ØD (mm)
20.5
20.5
20.5
ØC (mm)
12.75±0.15/–0 12.75±0.15/–0 12.75±0.15/–0
W (mm)
8.4+1.5/–0
8.4+1.5/–0
12.4+2/–0
Tmax (mm)
14.4
14.4
18.4
TAPING REEL
Table 6
handbook, full pagewidth
C
D
BA
W
T
MSA284_b
Fig. 3 Reel dimension
For dimension see Table 6
DIMENSION
0402
0603
0805
1206
A (mm)
0.62±0.05 1.10±0.05 1.65±0.05
2.0±0.1
B (mm)
1.12±0.05 1.90±0.05
2.4±0.05
3.5±0.1
W (mm)
8.0±0.2
8.0±0.2
8.0±0.2
8.0±0.2
E (mm)
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
F (mm)
3.5±0.05
3.5±0.05
3.5±0.05
3.5±0.05
P0 (mm)
4±0.05
4±0.05
4±0.05
4±0.05
P1 (mm)
2±0.05
4±0.1
4±0.1
4±0.1
P2 (mm)
2±0.05
2±0.05
2±0.05
2±0.05
ØD0 (mm)
1.5+0.1
1.5+0.1 1.5+0.1/–0 1.5+0.1/–0
T (mm)
0.6±0.05 0.95±0.05 0.95±0.05
0.95±0.05
PAPER TAPE SPECIFICATION
MBG251_a
E
F
W
P2
P0
P1
D 0
B
A
T
cover tape
Fig. 4 Paper tape dimension
For dimension see Table 7
Table 7
DIMENSION
0805
1206
1210
1812
A (mm)
0.20
0.30
0.30
0.40
B (mm)
0.20
0.30
0.30
0.40
W (mm)
8.1±0.2
8.1±0.2
8.1±0.2
12.0±0.2
E (mm)
1.75±0.1
1.75±0.1
1.75±0.1
1.75±0.1
F (mm)
3.5±0.05
3.5±0.05
3.5±0.05
5.5±0.05
P0 (mm)
4±0.1
4±0.1
4±0.1
4±0.1
P1 (mm)
4±0.1
4±0.1
4±0.1
8±0.1
P2 (mm)
2±0.05
2±0.05
2±0.05
2±0.05
ØD0 (mm)
1.5+0.1/–0 1.5+0.1/–0 1.5+0.1/–0 1.5+0.1/–0
Tmax (mm)
3.5
3.5
3.5
3.5
Table 8
BLISTER TAPE SPECIFICATION
MBG516_a
E
F
W
P2
P0
D 0
B
AD 1
P1
direction of unreeling
cover tape
T
Fig. 5 Leader/trailer tape dimension
For dimension see Table 8


Similar Part No. - CC1206JR8

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JR8BB YAGEO-CC1206JR8BB Datasheet
1Mb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JR8BN YAGEO-CC1206JR8BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JR8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com