Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM500GA174D Datasheet(PDF) 4 Page - Semikron International

Part No. SKM500GA174D
Description  SEMITRANS M Low Loss IGBT Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM500GA174D Datasheet(HTML) 4 Page - Semikron International

  SKM500GA174D Datasheet HTML 1Page - Semikron International SKM500GA174D Datasheet HTML 2Page - Semikron International SKM500GA174D Datasheet HTML 3Page - Semikron International SKM500GA174D Datasheet HTML 4Page - Semikron International SKM500GA174D Datasheet HTML 5Page - Semikron International SKM500GA174D Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B 6 – 76
000828
© by SEMIKRON
SKM 500 GA 174 D
0,10
1,00
10,00
100,00
0
102030
VCE
V
C
nF
Cies
Coes
Cres
m500ga17.xls - 14
0
200
400
600
800
0
123
VF
V
IF
A
Tj = 125°C typ.
Tj = 25°C typ.
Tj =125°C max.
Tj= 25°C max.
m500ga17.xls - 17
M500GA17.XLS-18
0
20
40
60
80
100
0
200
400
600
800
1000
IF
A
EoffD
mJ
7 Ω
4 Ω
15 Ω
2,7Ω
RG=
1,5Ω
10
100
1000
10000
0
5
10
15
20
25
RG
t
ns
tdoff
tdon
tr
tf
m500ga17.xls - 16
10
100
1000
10000
0
200
400
600
800
IC
A
t
ns
tdoff
tdon
tr
tf
m500ga17.xls - 15
0
4
8
12
16
20
0
1000
2000
3000
4000
QGate
nC
VGE
V
800
1200V
m500ga17.xls - 13
Fig. 13 Typ. gate charge characteristic
Fig. 14 Typ. capacitances vs.VCE
VGE = 0 V
f = 1 MHz
Fig. 15 Typ. switching times vs. IC
Fig. 16 Typ. switching times vs. gate resistor RG
Fig. 17 Typ. CAL diode forward characteristic
Fig. 18 Diode turn-off energy dissipation per pulse
Tj = 125 °C
VCE = 1200 V
VGE = ± 15 V
IC = 400 A
ind. load
ICpuls = 400 A
Tj = 125 °C
VCE = 1200 V
VGE = ± 15 V
RG = 3
ind. load
VCC = 1200 V
Tj = 125 °C
VGE = ± 15 V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SKM500GA124D SEMITRANS M Low Loss IGBT Modules 1  2  3  4  Semikron International
1MBI800PN-180 Low loss high speed switching IGBT Modules 1  2  3  4  Fuji Electric
SKM400GA124D Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM145GB124DN Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM145GB174DN Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM150GB124D Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM400GB124D Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM200GB124D Low Loss IGBT Modules 1  2  3  4  Semikron International
SKM200GB124 Low Loss IGBT Modules 1  2  3  4  5  More Semikron International
SKM40GD124D Low Loss IGBT Modules 1  2  3  4  Semikron International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn