Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805KC7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CC0805KC7
Description  MULTILAYER CERAMIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC0805KC7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CC0805KC7 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC0805KC7 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.yageo.com
Aug. 13, 2003 V.06
Surface Mount Multilayer Ceramic Capacitors
5
8
SERIES
CC
X7R, 16V to 100V
Table 4
THICKNESS
CLASSIFICATION
8mm TAPE WIDTH / AMOUNT PER REEL
12mm TAPE WIDTH /
AMOUNT PER REEL
(mm)
Ø180mm, 7”
Ø330mm, 13”
Ø180mm, 7” Blister
AMOUNT PER BULK CASE
Paper
Blister
Paper
Blister
1812
0402
0603
0805
0.5±0.05
10,000
---
50,000
---
---
50,000
---
---
0.6±0.10
4,000
---
20,000
---
---
---
---
10,000
0.8±0.07
4,000
---
15,000
---
---
---
15,000
---
0.85±0.10
4,000
---
15,000
---
---
---
---
8,000
0.5 to 1.0
---
4,000
---
10,000
2,000
---
---
---
0.9 to 1.3
---
3,000
---
10,000
1,500
---
---
---
1.15±0.10
---
3,000
---
10,000
---
---
---
---
1.25±0.10
---
3,000
---
10,000
---
---
---
5,000
1.2 to 1.75
---
---
---
---
1,000
---
---
---
THICKNESS CLASSES AND PACKING QUANTITY
CHARACTERISTICS
TEST CONDITIONS
REQUIREMENT
Operation temperature range
---
–55°C to +125°C
Temperature characteristic/coefficient (TC)
With respect to 20°C within operation
temperature range
±15%
Capacitance tolerance
1Vrms/1KHz at 20°C
±5%, ±10%
Dissipation factor (Tan d)
1Vrms/1KHz at 20°C
25V, 50V &100V; ≤2.5%
16V; ≤3.5%
Insulation resistance (IR)
At Ur (rated voltage) for 1 minute
C≤10nF; Rins ≥10GΩ
C>10nF; Rins x C≥500s
Dielectric withstanding Voltage
At 2.5×Ur (for Ur≤100V)
1.5×Ur+100V for 5sec
No breakdown
ELECTRICAL CHARACTERISTICS
Table 5


Similar Part No. - CC0805KC7

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805KC7BN YAGEO-CC0805KC7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805KC7

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com