Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW3865 Datasheet(PDF) 1 Page - Tallysman Wireless Inc.

Part # TW3865
Description  TW3865 GPS/QZSS L1/L2 GLONASS G1/G2 BeiDou B1 Galileo E1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALLYSMAN [Tallysman Wireless Inc.]
Direct Link  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW3865 Datasheet(HTML) 1 Page - Tallysman Wireless Inc.

  TW3865 Datasheet HTML 1Page - Tallysman Wireless Inc. TW3865 Datasheet HTML 2Page - Tallysman Wireless Inc. TW3865 Datasheet HTML 3Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision:
3.6
About Tallysman: With global headquarters and manufacturing in Ottawa, Canada, Tallysman is a leading manufacturer of high-
precision antennas and components for Global Navigation Satellite System (GNSS) applications. Tallysman’s mission is to support
the needs of a new generation of positioning systems by delivering unprecedented antenna precision at competitive prices. Learn
more at www.tallysman.com
Contact us:
info@tallysman.com
T: +1 613 591-3131
The TW3865 employs Tallysman’s unique Accutenna technology
providing dual band GPS/QZSS L1 & L2, GLONASS G1 & G2, BeiDou B1,
and Galileo E1 coverage and is especially designed for precision dual
frequency positioning.
The antenna features a precision tuned, circular dual feed, stacked patch
element. The signals from the two orthogonal feeds are combined in a
hybrid combiner, amplified in a wideband LNA, then band-split for narrow
filtering in each band and further amplified prior to recombination at the
output.
TW3865 offers excellent axial ratio and a tightly grouped phase center.
It covers GPS/QZSS L2 (1227.6 MHz), GLONASS G2 (1248 MHz centre),
GPS/QZSS L1/WAAS/EGNOS/MSAS (1575.42 MHz), GLONASS G1 (1602
MHz, centre), BeiDou B1 (1575.42 MHz), and Galileo E1 (1575.42 MHz).
The OEM antenna is supplied with a standard 60 mm diameter circular
ground plane, with a coaxial cable terminated with your choice of
connector (right angle MCX is shown in the drawing).
Mounting holes are provided for attachment to larger ground planes.
Custom tuning and ground plane options may be available, depending
on purchase level commitment.
Overview
TW3865
When precision matters.®
TW3865 GPS/QZSS L1/L2 + GLONASS G1/G2 + BeiDou B1 + Galileo E1
Frequency Coverage:
L1/L2/G1/G2/E1/B1
Applications
Features
Benefits
• Precision GPS position
• Dual Frequency RTK receivers
• Military & Security
• Network Timing and Synchronization
• Very low Noise Preamp,
• Axial ratio: <2dB typ.; <1 dB at Zenith
• Tight Phase Center Variation
• LNA Gain 28 dB typ.
• Low current: 24 mA typ.
• ESD circuit protection: 15 KV
• Invariant performance from: +2.5 to 12VDC
• Ideal for dual frequency RTK and PPP
surveying systems
• Great multipath rejection
• Increased system accuracy
• Great signal to noise ratio
• RoHS and REACH compliant


Similar Part No. - TW3865

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW3867 TALLYSMAN-TW3867 Datasheet
223Kb / 3P
   TW3867 GPS/QZSS L1/L2 GLONASS G1/G2 BeiDou B1 Galileo E1
More results

Similar Description - TW3865

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW3867 TALLYSMAN-TW3867 Datasheet
223Kb / 3P
   TW3867 GPS/QZSS L1/L2 GLONASS G1/G2 BeiDou B1 Galileo E1
TW3870 TALLYSMAN-TW3870 Datasheet
216Kb / 2P
   TW3870 / TW3872 GPS L1/L2 GLONASS G1/G2 BeiDou B1 Galileo E1
TW8889 TALLYSMAN-TW8889 Datasheet
225Kb / 2P
   GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
TW7882 TALLYSMAN-TW7882 Datasheet
207Kb / 2P
   TW7882 GPS L1/L2 GLONASS G1/G2 BeiDou B1/B2 Galileo E1/E5b
TW3892 TALLYSMAN-TW3892 Datasheet
216Kb / 2P
   TW3892 GPS L1/L2 GLONASS G1/G2 BeiDou B1 Galileo E1 L-Band
TW3882 TALLYSMAN-TW3882 Datasheet
215Kb / 2P
   TW3882 GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
TW3887 TALLYSMAN-TW3887 Datasheet
201Kb / 2P
   TW3887 GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
TW3882L TALLYSMAN-TW3882L Datasheet
465Kb / 2P
   TW3882L GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1 L-Band Service
TW8825 TALLYSMAN-TW8825 Datasheet
159Kb / 2P
   TW8825 GPS L1/L5 GLONASS G1 BeiDou B1 Galileo E1/E5a
TW1825 TALLYSMAN-TW1825 Datasheet
1Mb / 2P
   TW1825 GPS L1/L5 GLONASS G1 BeiDou B1 Galileo E1/E5a Navic E5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com