Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4045P-4.5A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X4045P-4.5A
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4045P-4.5A Datasheet(HTML) 5 Page - Intersil Corporation

  X4045P-4.5A Datasheet HTML 1Page - Intersil Corporation X4045P-4.5A Datasheet HTML 2Page - Intersil Corporation X4045P-4.5A Datasheet HTML 3Page - Intersil Corporation X4045P-4.5A Datasheet HTML 4Page - Intersil Corporation X4045P-4.5A Datasheet HTML 5Page - Intersil Corporation X4045P-4.5A Datasheet HTML 6Page - Intersil Corporation X4045P-4.5A Datasheet HTML 7Page - Intersil Corporation X4045P-4.5A Datasheet HTML 8Page - Intersil Corporation X4045P-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN8118.1
September 30, 2005
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X4043/45 activates a
Power-on Reset Circuit that pulls the RESET/RESET
pin active. This signal provides several benefits.
– It prevents the system microprocessor from starting
to operate with insufficient voltage.
– It prevents the processor from operating prior to sta-
bilization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
When VCC exceeds the device VTRIP threshold value
for
200ms
(nominal)
the
circuit
releases
RESET/RESET allowing the system to begin operation.
Low Voltage Monitoring
During operation, the X4043/45 monitors the VCC level
and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP. The RESET/RESET
signal prevents the microprocessor from operating in a
power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V.
It also remains active until VCC returns and exceeds
VTRIP for 200ms.
Watchdog Timer
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. A
standard read or write sequence to any slave address
byte restarts the watchdog timer and prevents the
(RESET/RESET) signal going active. A minimum
sequence to reset the watchdog timer requires four
microprocessor intructions namely, a Start, Clock Low,
Clock High and Stop. (See Page 18) The state of two
nonvolatile control bits in the status register determine
the watchdog timer period. The microprocessor can
change these watchdog bits, or they may be “locked”
by tying the WP pin HIGH.
Figure 1. Watchdog Restart
EEPROM Inadvertent Write Protection
When RESET/RESET goes active as a result of a low
voltage condition (VCC < VTRIP), any in-progress com-
munications are terminated. While VCC < VTRIP, no new
communications are allowed and no nonvolatile write
operation can start. Nonvolatile writes in-progress when
RESET/RESET goes active are allowed to finish.
Additional protection mechanisms are provided with
memory block lock and the Write Protect (WP) pin.
These are discussed elsewhere in this document.
VTRIP Programming
The X4043/45 is shipped with a standard VCC thresh-
old (VTRIP) voltage. This value will not change over
normal operating and storage conditions. However, in
applications where the standard VTRIP is not exactly
right, or if higher precision is needed in the VTRIP
value, the X4043/45 threshold may be adjusted. The
procedure is described below, and uses the applica-
tion of a high voltage control signal.
Figure 2. Set VTRIP Level Sequence (VCC = desired VTRIP values WEL bit set)
SCL
SDA
.6µs
1.3µs
Start
Stop
Reset
WDT
01
2 3
4
5 67
SCL
SDA
A0h
01
2 3
4
5 67
01h
WP
VP = 15-18V
01
2 3
4
5 67
00h
X4043, X4045


Similar Part No. - X4045P-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4045 INTERSIL-X4045 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4045 INTERSIL-X4045 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X4045 RENESAS-X4045 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
More results

Similar Description - X4045P-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com