Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64KMB-12 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28HC64KMB-12
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64KMB-12 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28HC64KMB-12 Datasheet HTML 3Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 4Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 5Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 6Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 7Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 8Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 9Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 10Page - Intersil Corporation X28HC64KMB-12 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN8109.0
June 1, 2005
SOFTWARE DATA PROTECTION
Figure 6. Timing Sequence—Byte or Page Write
Figure 7. Write Sequence for Software
Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection
algorithm is used, the X28HC64 will automatically dis-
able further writes unless another command is issued
to deactivate it. If no further commands are issued the
X28HC64 will be write protected during power-down
and after any subsequent power-up.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
ADDR
AAA
1555
55
0AAA
A0
1555
≤t
BLC MAX
Writes
OK
Byte
or
Page
tWC
Write Last
Write Data XX
to Any
Write Data A0
to Address
1555
Write Data 55
to Address
0AAA
Write Data AA
to Address
1555
After tWC
Re-Enters Data
Protected State
Byte to
Last Address
Address
Optional
Byte/Page
Load Operation
Byte/Page
Load Enabled
X28HC64


Similar Part No. - X28HC64KMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64KMB-12 XICOR-X28HC64KMB-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64KMB-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com