Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8U100L Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SP8U100L
Description  LOW VF SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SP8U100L Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SP8U100L Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTCS(TA=25℃ Unless otherwise noted)
THERMAL CHARACTERISTCS
Parameter
Typical thermal resistance
R JA
R JL
60.0
3.0
℃/W
Symbol
Unit
TO-277
3)
AVAILABALE PACK INFORMATION
JINAN JINGHENG ELECTRONICS CO., LTD.
4-2
RATINGS AND CHARACTERISTIC OF SP8U100L
Notes: 1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
3 Units mounted on recommended PCB 1 oz. Pad layout
Parameter
Test Conditions
Symbol
Typ.
Max.
Unit
Instaneous forward voltage
IF=8.0A
TA=25℃
TA=100℃
Reverse current
V =100V
R
TA=25℃
TA=100℃
VF
IR
0.60
V
20
50
μA
mA
2.0
5.0
Typical junction capacitance
4V,1MHz
CJ
pF
1)
2)
TA=125℃
TA=125℃
0.55
0.58
-
7.0
15
500
TA=25℃
TA=100℃
TA=125℃
IF=3.0A
0.47
0.42
0.40
-
-
-
-
HTTP://WWW.JINGHENG.CN
Product code
Carton Size
L×W ×H
(
mm )
Quantity
(
pcs/reel)
Reel Size
(
mm )
Quantity
(box/carton)
SP8U100L-TO-277
338×338×40
5000
φ330
2
T/R
Pack
Box Size
L×W×H
(
mm )
Quantity
(
reel/box)
365×365×360
7
0.65


Similar Part No. - SP8U100L

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
   OSCILLATORS - PROGRAMMABLE
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
   ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
SIPAT Co,Ltd
SP80001 SIPAT-SP80001 Datasheet
156Kb / 4P
   800MHz Low-loss SAW Filter 53MHz Bandwidth
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
   Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
logo
SamHop Microelectronics...
SP8005 SAMHOP-SP8005 Datasheet
120Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP8U100L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com