Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP5U60SL Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part No. SP5U60SL
Description  SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Homepage  http://www.jinghenggroup.com/
Logo 

SP5U60SL Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
SP5U60SL
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 60Volts
Forward Current - 5.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS
Case: TO-277 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026
Mounting Position: Any
Weight: 0.092 grams(approx)
(Ratings at 25℃ ambient temperature unless otherwise specified )
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,low forward voltage drop
High surge capability
Very low profile-typical height of 1.1mm
Ideal for automated placement
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2011/65/EU
S E M I C O N D U C T O R
Maximum repetitive peak reverse voltage
VRRM
V
A
A
IF(AV)
IFSM
Tstg
TJ
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method at rated TL)
5.0
120
-55 to+150
-55 to+150
60
Symbol
Unit
Value
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP://WWW.JINGHENG.CN
Pb
RoHS
COMPLIANT
TYPICAL APPLICATIONS
For use in low voltage ,high frequency inverters ,DC/DC converters,
free wheeling ,and polarity protection applications
Parameter
3-1
TO-277
Dimensions in inches and (millimetrers)
8 0 °
0.55±0.1
0.85±0.05
L
1 .25±0.1
5 .38±0.1
6 .5±0.15
K
Anode1
Anode1
Cathode
3.55±0.3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn