Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4285V8I-4.5A Datasheet(PDF) 4 Page - Intersil Corporation

Part # X4285V8I-4.5A
Description  CPU Supervisor with 128K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4285V8I-4.5A Datasheet(HTML) 4 Page - Intersil Corporation

  X4285V8I-4.5A Datasheet HTML 1Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 2Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 3Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 4Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 5Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 6Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 7Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 8Page - Intersil Corporation X4285V8I-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8121.0
March 29, 2005
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher or
lower voltage value. It is necessary to reset the trip
point before setting the new value.
To set the new VTRIP voltage, start by setting the WEL
bit in the control register, then apply the desired VTRIP
threshold voltage to the VCC pin and the programming
voltage, VP, to the WP pin and 2 byte address and 1
byte of “00” data. The stop bit following a valid write
operation initiates the VTRIP programming sequence.
Bring WP LOW to complete the operation.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native”
voltage level. For example, if the current VTRIP is 4.4V
and the new VTRIP must be 4.0V, then the VTRIP must
be reset. When VTRIP is reset, the new VTRIP is some-
thing less than 1.7V. This procedure must be used to
set the voltage to a lower value.
To reset the new VTRIP voltage start by setting the
WEL bit in the control register, apply VCC and the pro-
gramming voltage, VP, to the WP pin and 2 byte
address and 1 byte of “00” data. The stop bit of a valid
write operation initiates the VTRIP programming
sequence. Bring WP LOW to complete the operation.
Figure 2. Reset VTRIP Level Sequence (VCC > 3V. WP = 12-15V, WEL bit set)
Figure 3. Sample VTRIP Reset Circuit
01 2 3 45 67
SCL
SDA
A0h
01 2 3 45 67
00h
WP
VP = 12-15V
01 2 3 45 67
03h
01 2 3 4 5 6 7
00h
1
2
3
4
8
7
6
5
X4283
VTRIP
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
SOIC
X4283, X4285


Similar Part No. - X4285V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4285V8I-4.5A XICOR-X4285V8I-4.5A Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
More results

Similar Description - X4285V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com