Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33363A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC33363A
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33363A Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33363A
5
MOTOROLA ANALOG IC DEVICE DATA
1.0
160
0
24
0
3.6
–50
32
0
0
VDS, DRAIN–SOURCE VOLTAGE (V)
VCC = 20 V
TA = 25°C
VCC, POWER SUPPLY VOLTAGE (V)
VPin 1 = 400 V
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
ID = 200 mA
Figure 9. Regulator Output Voltage
Change versus Source Current
Ireg, REGULATOR SOURCE CURRENT (mA)
Figure 10. Peak Startup Current
versus Power Supply Voltage
VCC = 20 V
RT = 10 k
TA = 25°C
Figure 11. Power Switch Drain–Source
On–Resistance versus Temperature
Figure 12. Power Switch
Drain–Source Capacitance versus Voltage
Figure 13. Supply Current versus Supply Voltage
Pulse tested with an on–time of 20
µs to 300 µs
at < 1.0% duty cycle. The on–time is adjusted at
Pin 1 for a maximum peak current out of Pin 3.
Pulse tested at 5.0 ms with < 1.0% duty cycle
so that TJ is as close to TA as possible.
COSS measured at 1.0 MHz with 50 mVpp.
RT = 10 k
Pin 1 = Open
Pin 4, 5, 10, 11,
12, 13 = Gnd
TA = 25°C
–20
–40
–60
–80
24
16
8.0
0
2.4
1.6
0.8
0
12
0
120
40
80
0
4.0
8.0
12
16
20
2.0
4.0
6.0
8.0
10
12
14
–25
0
25
50
75
150
100
10
100
1000
10
20
30
40
125
0.01
100
t, TIME (s)
Figure 14. DW and P Suffix Transient
Thermal Resistance
0.1
1.0
10
100
10
1.0
L = 12.7 mm of 2.0 oz.
copper. Refer to Figures
15 and 16.
4.0
3.2
CT = 2.0 nF
CT = 390 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn