Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33363A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC33363A
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33363A Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33363A
4
MOTOROLA ANALOG IC DEVICE DATA
0
0
1.0
70
1.80 V
10
100
7.0
0.8
1.0
µs/DIV
IO, OUTPUT LOAD CURRENT (mA)
TIMING RESISTOR RATIO
1.0
µs/DIV
VCC = 20 V
AV = –1.0
CL = 10 pF
TA = 25°C
f, FREQUENCY (Hz)
Figure 3. Oscillator Charge/Discharge
Current versus Timing Resistor
RT, TIMING RESISTOR (kΩ)
Figure 4. Maximum Output Duty Cycle
versus Timing Resistor Ratio
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Error Amp Output Saturation
Voltage versus Load Current
Figure 7. Error Amplifier Small Signal
Transient Response
Figure 8. Error Amplifier Large Signal
Transient Response
VCC = 20 V
AV = –1.0
CL = 10 pF
TA = 25°C
1.75 V
1.70 V
3.00 V
1.75 V
0.50 V
0.5
0.3
0.2
0.15
0.1
0.08
80
60
40
20
0
–20
60
50
40
30
–1.0
– 2.0
2.0
1.0
0
10
15
20
30
70
2.0
3.0
5.0
7.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0.2
0.4
0.6
0.8
1.0
0
30
60
90
120
150
180
RD/RT Ratio
Discharge Resistor
Pin 6 to Gnd
VCC = 20 V
CT = 2.0 nF
TA = 25°C
RC/RT Ratio
Charge Resistor
Pin 6 to Vreg
VCC = 20 V
VO = 1.0 to 4.0 V
RL = 5.0 MΩ
CL = 2.0 pF
TA = 25°C
Gain
Phase
VCC = 20 V
TA = 25°C
Source Saturation
(Load to Ground)
Sink Saturation
(Load to Vref)
VCC = 20 V
TA = 25°C
Gnd
Vref
50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn