Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4163V8I-4.5A Datasheet(PDF) 10 Page - Intersil Corporation

Part # X4163V8I-4.5A
Description  CPU Supervisor with 16K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8I-4.5A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X4163V8I-4.5A Datasheet HTML 6Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 7Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 8Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 9Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 10Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 11Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 12Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 13Page - Intersil Corporation X4163V8I-4.5A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8120.0
April 13, 2005
Figure 10. Writing 12-bytes to a 64-byte page starting at location 60.
The master terminates the Data Byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. See Figure 9 for the address, acknowledge,
and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending at least 1 full data
byte plus the subsequent ACK signal. If a stop is
issued in the middle of a data byte, or before 1 full
data byte plus its associated ACK is sent, then the
device will reset itself without performing the write. The
contents of the array will not be effected.
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indi-
cate the end of the master’s byte load operation, the
device initiates the internal nonvolatile cycle. Acknowl-
edge polling can be initiated immediately. To do this,
the master issues a start condition followed by the
Slave Address Byte for a write or read operation. If the
device is still busy with the nonvolatile cycle then no
ACK will be returned. If the device has completed the
write operation, an ACK will be returned and the host
can then proceed with the read or write operation.
Refer to the flow chart in Figure 11.
Figure 11. Acknowledge Polling Sequence
Address
Address
60
4 Bytes
n-1
8 Bytes
Address
= 7
Address Pointer
Ends Here
Addr = 8
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
Nonvolatile Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES
X4163, X4165


Similar Part No. - X4163V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8I-4.5A INTERSIL-X4163V8I-4.5A Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163V8I-4.5A INTERSIL-X4163V8I-4.5A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8I-4.5A RENESAS-X4163V8I-4.5A Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163V8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com