Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1243 Datasheet(PDF) 15 Page - Intersil Corporation

Part # X1243
Description  Real Time Clock/Calendar/Alarm with EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1243 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button X1243 Datasheet HTML 9Page - Intersil Corporation X1243 Datasheet HTML 10Page - Intersil Corporation X1243 Datasheet HTML 11Page - Intersil Corporation X1243 Datasheet HTML 12Page - Intersil Corporation X1243 Datasheet HTML 13Page - Intersil Corporation X1243 Datasheet HTML 14Page - Intersil Corporation X1243 Datasheet HTML 15Page - Intersil Corporation X1243 Datasheet HTML 16Page - Intersil Corporation X1243 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
FN8249.0
April 28, 2005
Packaging Information
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
Pin 1
Pin 1 Index
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7×
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° - 8°
X 45°
8-Lead Plastic, SOIC, Package Code S8
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050"Typical
0.050"
Typical
0.030"
Typical
8 Places
FOOTPRINT
X1243


Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com