Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X1243 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. X1243
Description  Real Time Clock/Calendar/Alarm with EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

X1243 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN8249.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
X1243
16K (2K x 8), 2-Wire RTC
Real Time Clock/Calendar/Alarm with
EEPROM
Features
• 2 alarms—interrupt output
- Settable on the second, 10s of seconds, minute, 10s of
minutes, hour, day, month, or day of the week
- Repeat alarm for time base generation
• 2-wire interface interoperable with I2C
- 400kHz data transfer rate
• Secondary power supply input with internal switch-over
circuitry
• 2Kbytes of EEPROM
- 64-byte page write mode
- 3-bit Block Lock™ protection
• Low power CMOS
- <1µA operating current
- <3mA active current during program
- <400µA active current during data read
• Single byte write capability
• Typical nonvolatile write cycle time: 5ms
• High reliability
• Small package options
- 8-lead SOIC package, 8-lead TSSOP package
Description
The X1243 is a Real Time Clock with clock/calendar circuits
and two alarms. The dual port clock and alarm registers
allow the clock to operate, without loss of accuracy, even
during read and write operations.
The clock/calendar provides functionality that is con-trollable
and readable through a set of registers. The clock, using a
low cost 32.768kHz crystal input, accu-rately tracks the time
in seconds, minutes, hours, date, day, month and years. It
has leap year correction and automatic adjustment for
months with less than 31 days.
An alarm match of the RTC sets an interrupt ag and
activates an interrupt pin. An alternative alarm function
provides a pulsed interrupt for long time constant time-
bases.
The device offers a backup power input pin. This V
BACK
pin
allows the device to be backed up by a non-rechargeable
battery. The RTC is fully operational from 1.8 to 5.5 volts.
The X1243 provides a 2Kbyte EEPROM array, giving a safe,
secure memory for critical user and conguration data. This
memory is unaffected by complete failure of the main and
backup supplies.
Block Diagram
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
32.768kHz
Control
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
IRQ
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
Interrupt Enable
16k (2k x 8)
EEPROM
Array
Register
Status
(SRAM)
Alarm
Alarm
(SRAM)
Data Sheet
April 28, 2005
NOT
REC
OMM
END
ED F
OR
NEW
DES
IGN
S
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inter
sil.c
om/
tsc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn