Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C513J-12T1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28C513J-12T1
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C513J-12T1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28C513J-12T1 Datasheet HTML 6Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 7Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 8Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 9Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 10Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 11Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 12Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 13Page - Intersil Corporation X28C513J-12T1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
FN8106.1
September 29, 2005
Resetting Software Data Protection
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the X28C512,
X28C513 will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
System Considerations
Because the X28C512, X28C513 are frequently used in
large memory arrays it is provided with a two line control
architecture for both read and write operations. Proper
usage can provide the lowest possible power dissipation and
eliminate the possibility of contention where multiple I/O pins
share the same bus.
To gain the most benefit it is recommended that CE be
decoded from the address bus and be used as the primary
device selection input. Both OE and WE would then be
common among all devices in the array. For a read operation
this assures that all deselected devices are in their standby
mode and that only the selected device(s) is/are outputting
data on the bus.
Because the X28C512, X28C513 have two power modes,
(standby and active), proper decoupling of the memory array
is of prime concern. Enabling CE will cause transient current
spikes. The magnitude of these spikes is dependent on the
output capacitive loading of the I/Os. Therefore, the larger
the array sharing a common bus, the larger the transient
spikes. The voltage peaks associated with the current
transients can be suppressed by the proper selection and
placement of decoupling capacitors. As a minimum, it is
recommended that a 0.1µF high frequency ceramic
capacitor be used between VCC and VSS at each device.
Depending on the size of the array, the value of the capacitor
may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic bulk
capacitor be placed between VCC and VSS for each 8
devices employed in the array. This bulk capacitor is
employed to overcome the voltage droop caused by the
inductive effects of the PC board traces.
CE
WE
Standard
Operating
Mode
VCC
Data
Addr
AAA
5555
55
2AAA
80
5555
≥ tWC
AA
5555
55
2AAA
20
5555
Note: All other timings and control pins are per page write timing requirements
FIGURE 5A. Reset Software Data Protection Timing Sequence
Write Data 55
to Address
2AAA
Write Data 55
to Address
2AAA
Write Data A0
to Address
5555
Write Data AA
to Address
5555
Write Data 20
to Address
5555
Write Data AA
to Address
5555
FIGURE 5B. SOFTWARE SEQUENCE TO DEACTIVATE
SOFTWARE DATA PROTECTION
X28C512, X28C513


Similar Part No. - X28C513J-12T1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C513J-12 XICOR-X28C513J-12 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Renesas Technology Corp
X28C513J-12 RENESAS-X28C513J-12 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C513J-12T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com