Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1226S8IT1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X1226S8IT1
Description  Real Time Clock/Calendar with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1226S8IT1 Datasheet(HTML) 1 Page - Intersil Corporation

  X1226S8IT1 Datasheet HTML 1Page - Intersil Corporation X1226S8IT1 Datasheet HTML 2Page - Intersil Corporation X1226S8IT1 Datasheet HTML 3Page - Intersil Corporation X1226S8IT1 Datasheet HTML 4Page - Intersil Corporation X1226S8IT1 Datasheet HTML 5Page - Intersil Corporation X1226S8IT1 Datasheet HTML 6Page - Intersil Corporation X1226S8IT1 Datasheet HTML 7Page - Intersil Corporation X1226S8IT1 Datasheet HTML 8Page - Intersil Corporation X1226S8IT1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
FN8098.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X1226
4K (512 x 8), 2-WireRTC
Real Time Clock/Calendar with EEPROM
FEATURES
• Real Time Clock/Calendar
—Tracks time in Hours, Minutes, and Seconds
—Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
—Settable on the Second, Minute, Hour, Day of
the Week, Day, or Month
—Repeat Mode (periodic interrupts)
• Oscillator Compensation On Chip
—Internal feedback resistor and compensation
capacitors
—64 position Digitally Controlled Trim Capacitor
—6 digital frequency adjustment settings to
±30ppm
• Battery Switch or Super Cap Input
• 512 x 8 Bits of EEPROM
—64-Byte Page Write Mode
—8 modes of Block Lock™ Protection
—Single Byte Write Capability
• High Reliability
—Data Retention: 100 years
—Endurance: 100,000 cycles per byte
• 2-Wire™ Interface Interoperable With I2C
—400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz,
4096Hz or 32.768kHz)
• Low Power CMOS
—1.25µA Operating Current (Typical)
• Small Package Options
—8 Ld SOIC and 8 Ld TSSOP
• Repetitive Alarms
• Temperature Compensation
• Pb-Free Plus Anneal Available (RoHS Compliant)
APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio / Video Components
• Set Top Box / Television
•Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers / PDA
• POS Equipment
• Test Meters / Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial / Medical / Automotive
DESCRIPTION
The X1226 device is a Real Time Clock with
clock/calendar, two polled alarms with integrated
512x8 EEPROM, oscillator compensation, and battery
backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
4K
EEPROM
ARRAY
Registers
Status
(SRAM)
Select
PHZ/IRQ
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC
Compensation
Data Sheet
September 15, 2005


Similar Part No. - X1226S8IT1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1226S8I XICOR-X1226S8I Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226S8I INTERSIL-X1226S8I Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226S8I RENESAS-X1226S8I Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226S8IZ INTERSIL-X1226S8IZ Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226S8IZ RENESAS-X1226S8IZ Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
More results

Similar Description - X1226S8IT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com