Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT1074BI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BT1074BI
Description  SINGLE CHIP 850-950MHz RF TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BT1074BI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BT1074BI Datasheet HTML 1Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 2Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 3Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 4Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 5Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 6Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 7Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 8Page - List of Unclassifed Manufacturers BT1074BI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
May 29, 2001
Confidential and Proprietary Information of BTI
Page 4
850-950MHz RF TRANSCEIVER
BT1074Bi
21
VDD_UPC
-
Power supply to TX upconverters
6
VDDPA_GR
-
Power supply to guard ring
19/20
VDD_PRE1-2
-
Power supply to pre-amplifier
31
VDD_TXIF
-
Power supply to transmitter
40
VDDIF_VCO
-
Power supply to IF VCO
41
VDDRF_VCO
-
Power supply to RF VCO
47
VDDRFVCOIN
-
Power supply to RF VCO input stage
50
VDDRX_BUF
-
Power supply to receiver IF buffer
3
GNDLNA
-
Ground to LNA
61/62
GND_DMX1-2
-
Ground to downconverters
56
GND_IF
-
Ground to RX differential-to-single buffers
34
GND_IFVCOIN
-
Ground to IF VCO first stage
22/23
GND_UPC1-2
-
Ground to TX upconverters
13/15/18
GND_PRE1-3
-
Ground to pre-amplifier
7/9/11
GND_PA1-3
-
Ground to power amplifier
26/27
GND_TXIF1-2
-
Ground to transmitter
5
GNDLNA1P
-
Ground to RX LNA differential first stage
1
GNDLNA1N
-
Ground to RX LNA differential first stage
37
GNDIFBUF
-
Ground to IF VCO buffer
39
GNDIF_VCO
-
Ground to IF VCO
42
GNDRF_VCO
-
Ground to RF VCO
44
GNDRFVCOIN
-
Ground to RF VCO input stage
53
GNDRX_BUF
-
Ground to receiver IF buffer
33
IF_VCO_GND
-
Ground to IF VCO buffer
Local Oscillator Pins
38
IF_VCO_OUT
O
IF VCO output
36
IFCAPIN
I
IF VCO feedback capacitors input
35
IF_VCO_CTRL
I
IF VCO control input
43
RF_VCO_OUT
O
RF VCO output
45
RF_VCO_CTRL
I
RF VCO control input
46
RFVCOCAPIN
I
RF VCO resistor bias input
Transmitter Pins
8
RF_OUTN
O
Power amplifier output
10
RF_OUTP
O
Power amplifier output
24
TX_P_CNT
I
Transmission output power control: Hi - low power mode
Low - high power mode
12
REXT2
I
Bias for power amplifier
14
REXT1
I
Bias for power amplifier
Pin
Parameter
I/O
Description


Similar Part No. - BT1074BI

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BT100 EXTECH-BT100 Datasheet
194Kb / 1P
   Battery Capacity Tester
logo
KODENSHI_AUK CORP.
BT100-8 KODENSHI-BT100-8 Datasheet
462Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Extech Instruments Corp...
BT100-AL EXTECH-BT100-AL Datasheet
194Kb / 1P
   Battery Capacity Tester
BT100-TL EXTECH-BT100-TL Datasheet
194Kb / 1P
   Battery Capacity Tester
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
   Battery Capacity Tester
More results

Similar Description - BT1074BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com