Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C503PI Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9C503PI
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503PI Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9C503PI Datasheet HTML 2Page - Intersil Corporation X9C503PI Datasheet HTML 3Page - Intersil Corporation X9C503PI Datasheet HTML 4Page - Intersil Corporation X9C503PI Datasheet HTML 5Page - Intersil Corporation X9C503PI Datasheet HTML 6Page - Intersil Corporation X9C503PI Datasheet HTML 7Page - Intersil Corporation X9C503PI Datasheet HTML 8Page - Intersil Corporation X9C503PI Datasheet HTML 9Page - Intersil Corporation X9C503PI Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN8222.1
September 19, 2005
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
POWER-UP AND DOWN REQUIREMENTS
At all times, voltages on the potentiometer pins must be less than ±VCC. The recall of the wiper position from nonvola-
tile memory is not in effect until the VCC supply reaches its final value. The VCC ramp rate spec is always in effect.
A.C. TIMING
Notes: (6) Typical values are for TA = 25°C and nominal supply voltage.
(7) This parameter is periodically sampled and not 100% tested.
(8) MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
Symbol
Parameter
Limits
Unit
Min.
Typ.(6)
Max.
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
2.9
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPH
CS deselect time (STORE)
20
ms
tCPH
CS deselect time (NO STORE)
100
ns
tIW
INC to VW/RW change
100
500
µs
tCYC
INC cycle time
4
µs
tR, tF(7)
INC input rise and fall time
500
µs
tPU(7)
Power-up to wiper stable
500
µs
tR VCC(7)
VCC power-up rate
0.2
50
V/ms
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C503PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C503PI XICOR-X9C503PI Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C503PI INTERSIL-X9C503PI Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503PI INTERSIL-X9C503PI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503PI INTERSIL-X9C503PI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503PI INTERSIL-X9C503PI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com