Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C45SI Datasheet(PDF) 8 Page - Intersil Corporation

Part # X24C45SI
Description  Serial AUTOSTORE NOVRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X24C45SI Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X24C45SI Datasheet HTML 4Page - Intersil Corporation X24C45SI Datasheet HTML 5Page - Intersil Corporation X24C45SI Datasheet HTML 6Page - Intersil Corporation X24C45SI Datasheet HTML 7Page - Intersil Corporation X24C45SI Datasheet HTML 8Page - Intersil Corporation X24C45SI Datasheet HTML 9Page - Intersil Corporation X24C45SI Datasheet HTML 10Page - Intersil Corporation X24C45SI Datasheet HTML 11Page - Intersil Corporation X24C45SI Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN8104.0
June 1, 2005
EQUIVALENT A.C. LOAD CIRCUIT
A.C. CONDITIONS OF TEST
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Read and Write Cycle Limits
POWER-UP TIMING
Notes: (3) SK rise and fall times must be less than 50ns.
(4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are
periodically sampled and not 100% tested.
5V
919
497
Output
100pF
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input and output timing levels
1.5V
Symbol
Parameter
Min.
Max.
Unit
FSK(3)
SK frequency
1
MHz
tSKH
SK positive pulse width
400
ns
tSKL
SK negative pulse width
400
ns
tDS
Data setup time
400
ns
tDH
Data hold time
80
ns
tPD1
SK to data bit 0 valid
375
ns
tPD
SK to data valid
375
ns
tZ
Chip enable to output high Z
1
µs
tCES
Chip enable setup
800
ns
tCEH
Chip enable hold
350
ns
tCDS
Chip deselect
800
ns
Symbol
Parameter
Max.
Unit
tPUR(4)
Power-up to read operation
200
µs
tPUW(4)
Power-up to write or store operation
5
ms
X24C45


Similar Part No. - X24C45SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45SI XICOR-X24C45SI Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45SI RENESAS-X24C45SI Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45SI-V RENESAS-X24C45SI-V Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C45SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com