Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C45 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X24C45
Description  Serial AUTOSTORE NOVRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X24C45 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X24C45 Datasheet HTML 4Page - Intersil Corporation X24C45 Datasheet HTML 5Page - Intersil Corporation X24C45 Datasheet HTML 6Page - Intersil Corporation X24C45 Datasheet HTML 7Page - Intersil Corporation X24C45 Datasheet HTML 8Page - Intersil Corporation X24C45 Datasheet HTML 9Page - Intersil Corporation X24C45 Datasheet HTML 10Page - Intersil Corporation X24C45 Datasheet HTML 11Page - Intersil Corporation X24C45 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN8104.0
June 1, 2005
NONVOLATILE OPERATIONS
ARRAY RECALL LIMITS
Recall Timing
SOFTWARE STORE CYCLE LIMITS
Notes: (5) NOP designates when the X24C45 is not currently executing an instruction.
(6) RECALL rise time must be <10µs.
(7) Typical values are for TA = 25°C and nominal supply voltage.
Operation
RECALL
Software Instruction
Write Enable Latch State
Previous Recall
Latch State
Hardware recall
0
NOP(5)
XX
Software recall
1
RCL
X
X
Software store
1
STO
SET
SET
Symbol
Parameter
Min.
Max.
Unit
tRCC
Recall cycle time
2
µs
tRCP
Recall pulse width(6)
500
ns
tRCZ
Recall to output in high Z
500
ns
Symbol
Parameter
Min.
Typ.(7)
Max.
Unit
tST
Store time after clock 8 of STO command
2
5
ms
tRCC
tRCZ
High Z
RECALL
DO
tRCP
X24C45


Similar Part No. - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45P-V RENESAS-X24C45P-V Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com