Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL90461TIE627Z-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL90461TIE627Z-TK
Description  Single Volatile 32-Tap XDCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90461TIE627Z-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL90461TIE627Z-TK Datasheet HTML 1Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 2Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 3Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 4Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 5Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 6Page - Intersil Corporation ISL90461TIE627Z-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN8229.3
October 14, 2005
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
ICC
VCC active current (Increment)
CS = 0V, U/D = fclock = 1MHz and VCC =3V
25
µA
ISB
Standby supply current
CS = VCC, U/D = GND or VCC = 3V
0.3
1
µA
ILI
CS input leakage current
VIN = GND to VCC
±1
µA
VIH
CS, U/D input HIGH voltage
VCC x 0.7
V
VIL
CS, U/D input LOW voltage
VCC x 0.3
V
CIN
CS, U/D input capacitance
VCC = 3V, VIN = VSS, TA = 25°C, f = 1MHz
10
pF
Timing Specifications (Over recommended operating conditions unless otherwise specified)
SYMBOL
PARAMETER
MIN
TYP (Note 4)
MAX
UNIT
tCU
U/D to CS setup
25
ns
tCI
CS to U/D setup
50
ns
tIC
CS to U/D hold
25
ns
tlL
U/D LOW period
300
ns
tlH
U/D HIGH period
300
ns
fTOGGLE
Up/Down toggle Rate
1
MHz
tSETTLE
Output settling time
1
µs
CS
U/D
RH - RL
tCU
tCI
tIL
tIH
tIC
tSETTLE
FIGURE 1. SERIAL INTERFACE TIMING DIAGRAM, INCREMENT
ISL90461


Similar Part No. - ISL90461TIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461TIE627Z-TK RENESAS-ISL90461TIE627Z-TK Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
More results

Similar Description - ISL90461TIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90461 RENESAS-ISL90461 Datasheet
387Kb / 7P
   Single Volatile 32-Tap XDCP
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
   Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
   Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com