Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6613BECBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6613BECBZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6613BECBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6613BECBZ Datasheet HTML 1Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 2Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 3Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 4Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 5Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 6Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 7Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 8Page - Intersil Corporation ISL6613BECBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN9205.3
July 27, 2006
ISL6613BIB
6613BIB
-40°C to 85°C
8 Ld SOIC
M8.15
ISL6613BIB-T
6613BIB
8 Ld SOIC Tape and Reel
ISL6613BIBZ (Note)
6613BIBZ
-40°C to 85°C
8 Ld SOIC (Pb-free)
M8.15
ISL6613BIBZ-T (Note)
6613BIBZ
8 Ld SOIC Tape and Reel (Pb-free)
ISL6613BIR
13BI
-40°C to 85°C
10 Ld 3x3 DFN
L10.3x3
ISL6613BIR-T
13BI
10 Ld 3x3 DFN Tape and Reel
ISL6613BIRZ (Note)
3BIZ
-40°C to 85°C
10 Ld 3x3 DFN (Pb-free)
L10.3x3
ISL6613BIRZ-T (Note)
3BIZ
10 Ld 3x3 DFN Tape and Reel (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Contact the factory for availability.
Ordering Information (Continued)
PART NUMBER
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
Pinouts
ISL6612BCB, ISL6613BCB (SOIC)
ISL6612BECB, ISL6613BECB (EPSOIC)
TOP VIEW
ISL6612BCR, ISL6613BCR (10L 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
GND
1
UGATE
BOOT
N/C
PWM
PHASE
PVCC
N/C
VCC
2
3
4
5
GND
10
9
8
7
6
LGATE
GND
Block Diagram
ISL6612B AND ISL6613B
PVCC
VCC
PWM
+5V
10K
8K
BOOT
UGATE
PHASE
LGATE
GND
FOR DFN AND EPSOIC-DEVICES, THE PAD ON THE BOTTOM SIDE OF
PAD
THE PACKAGE MUST BE SOLDERED TO THE CIRCUIT’S GROUND.
UVCC = VCC FOR ISL6612B
CONTROL
LOGIC
POR/
SHOOT-
THROUGH
PROTECTION
PRE-POR OVP
(LVCC)
UVCC = PVCC FOR ISL6613B
UVCC
FEATURES
ISL6612B, ISL6613B


Similar Part No. - ISL6613BECBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6613BECBZ INTERSIL-ISL6613BECBZ Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6613BECBZ INTERSIL-ISL6613BECBZ Datasheet
212Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6613BECBZ RENESAS-ISL6613BECBZ Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6613BECBZ-T INTERSIL-ISL6613BECBZ-T Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6613BECBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
212Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com