Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8843MBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8843MBZ
Description  Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8843MBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8843MBZ Datasheet HTML 1Page - Intersil Corporation ISL8843MBZ Datasheet HTML 2Page - Intersil Corporation ISL8843MBZ Datasheet HTML 3Page - Intersil Corporation ISL8843MBZ Datasheet HTML 4Page - Intersil Corporation ISL8843MBZ Datasheet HTML 5Page - Intersil Corporation ISL8843MBZ Datasheet HTML 6Page - Intersil Corporation ISL8843MBZ Datasheet HTML 7Page - Intersil Corporation ISL8843MBZ Datasheet HTML 8Page - Intersil Corporation ISL8843MBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN9238.0
October 19, 2005
FB Input Bias Current
VFB = 0V
-1.0
-0.2
1.0
µA
COMP Sink Current
VCOMP = 1.5V, VFB = 2.7V
1.0
-
-
mA
COMP Source Current
VCOMP = 1.5V, VFB = 2.3V
-0.4
-
-
mA
COMP VOH
VFB = 2.3V
4.80
-
VREF
V
COMP VOL
VFB = 2.7V
0.4
-
1.0
V
PSRR
Frequency = 120Hz, VDD = 12V to
18V (Note 5)
60
80
-
dB
OSCILLATOR
Frequency Accuracy
Initial, TA = 25°C
485153
kHz
Frequency Variation with VDD
TA= 25°C, (F30V - F9V)/F30V
-0.2
1.0
%
Temperature Stability
(Note 5)
-
-
5
%
Amplitude, Peak to Peak
Static Test
-
1.75
-
V
RTCT Discharge Voltage (Valley Voltage)
Static Test
-
1.0
-
V
Discharge Current
RTCT = 2.0V
6.5
7.8
8.5
mA
OUTPUT
Gate VOH
VDD - OUT, IOUT = -200mA
-
1.0
2.0
V
Gate VOL
OUT - GND, IOUT = 200mA
-
1.0
2.0
V
Peak Output Current
COUT = 1nF (Note 5)
-
1.0
-
A
Rise Time
COUT = 1nF (Note 5)
-
20
40
ns
Fall Time
COUT = 1nF (Note 5)
-
20
40
ns
GATE VOL UVLO Clamp Voltage
VDD = 5V, ILOAD = 1mA
-
-
1.2
V
PWM
Maximum Duty Cycle
COMP = VREF
93.5
95
-
%
Minimum Duty Cycle
COMP = GND
-
-
0
%
NOTES:
3. Specifications at -40°C and 105°C are guaranteed by 25°C test with margin limits.
4. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
5. Guaranteed by design, not 100% tested in production.
Electrical Specifications
ISL8843M - Recommended operating conditions unless otherwise noted. Refer to Block Diagram and
Typical Application schematic. VDD = 15V, RT = 10kΩ, CT = 3.3nF, TA = -55 to 125°C (Note 6), Typical values
are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
8.0
8.4
9.0
V
STOP Threshold
7.3
7.6
8.0
V
Hysteresis
-0.8
-
V
Startup Current, IDD
VDD < START Threshold
-
90
125
µA
Operating Current, IDD
(Note 7)
-
2.9
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.75
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 18V), load,
temperature
4.900
5.000
5.050
V
Electrical Specifications
ISL8843A - Recommended operating conditions unless otherwise noted. Refer to Block Diagram and
Typical Application schematic. VDD = 15V, RT = 10kΩ, CT = 3.3nF, TA = -40 to 105°C (Note 3) Typical values
are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL8843


Similar Part No. - ISL8843MBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843MBZ INTERSIL-ISL8843MBZ Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL8843MBZ RENESAS-ISL8843MBZ Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL8843MBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
logo
Renesas Technology Corp
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com